Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP2022LSS-13 Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # DMP2022LSS-13
Description  P-channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

DMP2022LSS-13 Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  DMP2022LSS-13 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED DMP2022LSS-13 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED DMP2022LSS-13 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED DMP2022LSS-13 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED DMP2022LSS-13 Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■ Electrical Characteristics (TJ=25℃ unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Static Parameter
Drain-Source Breakdown Voltage
BVDSS
VGS= 0V, ID=-250μA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-20V,VGS=0V,TC=25℃
-1
μA
Gate-Body Leakage Current
IGSS
VGS= ±10V, VDS=0V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=-250μA
-0.4
-
2.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS= -4.5V, ID=-10A
17
mΩ
VGS= -2.5V, ID=-6.5A
20
VGS= -1.8V, ID=-4.0A
26
Diode Forward Voltage
VSD
IS=-13A,VGS=0V
-1.2
V
Maximum Body-Diode Continuous Current
IS
-13
A
Dynamic Parameters
Input Capacitance
Ciss
VDS=-10V,VGS=0V,f=1MHZ
2992
pF
Output Capacitance
Coss
330
Reverse Transfer Capacitance
Crss
272
Switching Parameters
Total Gate Charge
Qg
VGS=-10V,VDS=-15V,ID=-9.1A
72.8
nC
Gate Source Charge
Qgs
6.6
Gate Drain Charge
Qgd
10.1
Reverse Recovery Charge
Qrr
IF=-6A, di/dt=100A/us
34
Reverse Recovery Time
trr
67
ns
Turn-on Delay Time
tD(on)
VGS=-10V,VDS=-15V, ID=-6A,
RGEN=2.5Ω
7
Turn-on Rise Time
tr
33
Turn-off Delay Time
tD(off)
130
Turn-off Fall Time
tf
132
A.
Pulse Test: Pulse Width≤300us,Duty cycle ≤2%.
B.
RθJA is the sum of the junction-to-lead and lead-to-ambient thermal resistance, where the lead thermal reference is defined as the solder
mounting surface of the drain pins. RθJL is guaranteed by design, while RθJA is determined by the board design. The maximum rating presented here
is based on mounting on a 1 in 2 pad of 2oz copper.
www.bychip.cn
DMP2022LSS-13
v2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com