Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC1024-I/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 25LC1024-I/P
Description  1 Mbit SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC1024-I/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25LC1024-I/P Datasheet HTML 10Page - Microchip Technology 25LC1024-I/P Datasheet HTML 11Page - Microchip Technology 25LC1024-I/P Datasheet HTML 12Page - Microchip Technology 25LC1024-I/P Datasheet HTML 13Page - Microchip Technology 25LC1024-I/P Datasheet HTML 14Page - Microchip Technology 25LC1024-I/P Datasheet HTML 15Page - Microchip Technology 25LC1024-I/P Datasheet HTML 16Page - Microchip Technology 25LC1024-I/P Datasheet HTML 17Page - Microchip Technology 25LC1024-I/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
25AA1024/25LC1024
DS21836D-page 14
Preliminary
© 2007 Microchip Technology Inc.
2.8
PAGE ERASE
The Page Erase function will erase all bits (FFh) inside
the given page. A Write Enable (WREN) instruction
must be given prior to attempting a Page Erase. This
is done by setting CS low and then clocking out the
proper instruction into the 25XX1024. After all eight
bits of the instruction are transmitted, the CS must be
brought high to set the write enable latch.
The Page Erase function is entered by driving CS low,
followed by the instruction code (Figure 2-8), and
three address bytes. Any address inside the page to
be erased is a valid address.
CS must then be driven high after the last bit if the
address or the Page Erase will not execute. Once the
CS is driven high, the self-timed Page Erase cycle is
started. The WIP bit in the STATUS register can be
read to determine when the Page Erase cycle is
complete.
If a Page Erase function is given to an address that
has been protected by the Block Protect bits (BP0,
BP1) then the sequence will be aborted and no erase
will occur.
FIGURE 2-8:
PAGE ERASE SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
29 30 31
1
00
0
0
0
1
01
23 22 21 20
210
Instruction
24-bit Address
High-Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com