Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPSLM31.14 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GDPSLM31.14
Description  The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDPSLM31.14 Datasheet(HTML) 4 Page - OSRAM GmbH

  GDPSLM31.14 Datasheet HTML 1Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 2Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 3Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 4Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 5Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 6Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 7Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 8Page - OSRAM GmbH GDPSLM31.14 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
GD PSLM31.14
4 Version 1.4 | 2020-11-23
Characteristics
I
F = 100 mA; TJ = 25 °C
Parameter
Symbol
Values
Dominant Wavelength 2)
I
F = 100 mA
λ
dom
min.
typ.
max.
444 nm
455 nm
461 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
Forward Voltage 3)
I
F = 100 mA
V
F
min.
typ.
max.
2.60 V
2.85 V
3.40 V
Electrical thermal resistance junction/solderpoint
with efficiency η
e = 55.5 %
R
thJS elec.
typ.
8.4 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com