Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPSLM31.14-RNSJ-25-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GDPSLM31.14-RNSJ-25-1
Description  The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDPSLM31.14-RNSJ-25-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GDPSLM31.14-RNSJ-25-1 Datasheet HTML 6Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 7Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 8Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 9Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 10Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 11Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 12Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 13Page - OSRAM GmbH GDPSLM31.14-RNSJ-25-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
GD PSLM31.14
10 Version 1.4 | 2020-11-23
Max. Permissible Forward Current
I
F = f(T)
020406080
100
Ts /°C
0
20
40
60
80
100
120
140
160
180
200
220
IF /mA
GD PSLM31.14
Don'tuse below 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com