Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDPSLM31.14-ROSK-25-1 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GDPSLM31.14-ROSK-25-1
Description  The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDPSLM31.14-ROSK-25-1 Datasheet(HTML) 5 Page - OSRAM GmbH

  GDPSLM31.14-ROSK-25-1 Datasheet HTML 1Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 2Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 3Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 4Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 5Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 6Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 7Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 8Page - OSRAM GmbH GDPSLM31.14-ROSK-25-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
GD PSLM31.14
5 Version 1.4 | 2020-11-23
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 100 mA
I
F = 100 mA
min.
max.
Φ
E
Φ
E
RN
150 mW
164 mW
RO
164 mW
180 mW
SJ
180 mW
194 mW
SK
194 mW
210 mW
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 100 mA
I
F = 100 mA
min.
max.
V
F
V
F
K
2.60 V
2.80 V
L
2.80 V
3.00 V
M
3.00 V
3.20 V
N
3.20 V
3.40 V
Wavelength Groups
Group
Dominant Wavelength 2)
Dominant Wavelength 2)
I
F = 100 mA
I
F = 100 mA
min.
max.
λ
dom
λ
dom
2
444 nm
449 nm
3
449 nm
453 nm
4
453 nm
457 nm
5
457 nm
461 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com