Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL158 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL158
Description  NPN SILICON PLANAR HIGH CURRENT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL158 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL158 Datasheet HTML 1Page - GTM CORPORATION GL158 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GL158
Page: 1/2
ISSUED DATE :2005/09/28
REVISED DATE :2005/12/09B
GL158
N P N S I L I C O N P L A N A R H I G H C U R R E N T T R A N S I S T O R
Description
The GL158 is designed for general purpose switching and amplifier applications.
Features
&6 Amps continuous current, up to 20Amps peak current
&Excellent gain characteristic specified up to 10Amps
&Very low saturation voltages
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
150
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
6
V
Collector Current (DC)
IC
6
A
Collector Current (Pulse)
IC
20
A
Total Power Dissipation
PD
3
W
*The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal to 4
square inch minimum.
Electrical Characteristics(Ta = 25 : ,unless otherwise stated)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
150
-
-
V
IC=100uA , IE=0
*BVCEO
60
-
-
V
IC=10mA, IB=0
BVEBO
6
-
-
V
IE=100uA ,IC=0
ICBO
-
-
50
nA
VCB=120V, IE=0
ICES
-
-
50
nA
VCES=60V
IEBO
-
-
10
nA
VEB=6V, IC=0
*VCE(sat)1
-
-
50
mV
IC=100mA, IB=5mA
*VCE(sat)2
-
-
100
mV
IC=1A, IB=50mA
*VCE(sat)3
-
-
170
mV
IC=2A, IB=50mA
*VCE(sat)4
-
-
375
mV
IC=6A, IB=300mA
*VBE(sat)
-
-
1.2
V
IC=6A, IB=300mA
*VBE(on)
-
-
1.15
V
VCE=1V, IC=6A
*hFE1
100
-
VCE=1V, IC=10mA
*hFE2
100
200
300
VCE=1V, IC=2A
*hFE3
75
-
VCE=1V, IC=5A
*hFE4
25
-
VCE=1V, IC=10A
fT
-
130
-
MHz
VCE=10V, IC=100mA, f=50MHz
SOT-223


Similar Part No. - GL158

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL158 ETL-GL158 Datasheet
297Kb / 2P
N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
More results

Similar Description - GL158

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT849 ZETEX-FZT849 Datasheet
60Kb / 3P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT855 ZETEX-FZT855 Datasheet
516Kb / 3P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
FZT857 ZETEX-FZT857 Datasheet
142Kb / 3P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
FZT869 ZETEX-FZT869 Datasheet
27Kb / 2P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
logo
GTM CORPORATION
GL358 GTM-GL358 Datasheet
295Kb / 2P
NPN SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
Guangdong Kexin Industr...
FZT869 KEXIN-FZT869 Datasheet
39Kb / 2P
NPN Silicon Planar High Current (High Performance) Transistor
FZT853 KEXIN-FZT853 Datasheet
40Kb / 2P
NPN Silicon Planar High Current Transistor
FZT857 KEXIN-FZT857 Datasheet
40Kb / 2P
NPN Silicon Planar High Current Transistor
FZT849 KEXIN-FZT849 Datasheet
39Kb / 2P
NPN Silicon Planar High Current (High Performance) Transistor
FZT851 KEXIN-FZT851 Datasheet
38Kb / 2P
NPN Silicon Planar High Current (High Performance)Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com