Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL159 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL159
Description  PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL159 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL159 Datasheet HTML 1Page - GTM CORPORATION GL159 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2005/07/19
REVISED DATE :2005/12/09C
GL159
P N P S I L I C O N P L A N A R H I G H C U R R E N T T R A N S I S T O R
Description
The GL159 is designed for general purpose switching and amplifier applications.
Features
&5 Amps continuous current, up to 15Amps peak current
&Excellent gain characteristic specified up to 10Amps
&Very low saturation voltages
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current (DC)
IC
-5
A
Collector Current (Pulse)
IC
-15
A
Total Power Dissipation
PD
3
W
*The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal to 4
square inch minimum.
Electrical Characteristics(Ta = 25 : ,unless otherwise stated)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-100
-
-
V
IC=-100uA , IE=0
*BVCEO
-60
-
-
V
IC=-10mA, IB=0
BVEBO
-6
-
-
V
IE=-100uA ,IC=0
ICBO
-
-
-50
nA
VCB=-80V, IE=0
ICES
-
-
-50
nA
VCES=-60V
IEBO
-
-
-10
nA
VEB=-6V, IC=0
*VCE(sat)1
-
-20
-50
mV
IC=-100mA, IB=-10mA
*VCE(sat)2
-
-85
-140
mV
IC=-1A, IB=-100mA
*VCE(sat)3
-
-155
-210
mV
IC=-2A, IB=-200mA
*VCE(sat)4
-
-370
-460
mV
IC=-5A, IB=-500mA
*VBE(sat)
-
-1.08
-1.24
V
IC=-5A, IB=-500mA
*VBE(on)
-
-0.935
-1.07
V
VCE=-1V, IC=-5A
*hFE1
100
200
VCE=-1V, IC=-10mA
*hFE2
100
200
300
VCE=-1V, IC=-2A
*hFE3
75
90
VCE=-1V, IC=-5A
*hFE4
10
25
VCE=-1V, IC=-10A
fT
-
120
-
MHz
VCE=-10V, IC=-100mA, f=50MHz
SOT-223


Similar Part No. - GL159

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL159 ETL-GL159 Datasheet
329Kb / 2P
P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
More results

Similar Description - GL159

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX956 ZETEX-ZTX956 Datasheet
66Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 ZETEX-ZTX957 Datasheet
62Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX968 ZETEX-ZTX968 Datasheet
98Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Weitron Technology
PZT951 WEITRON-PZT951 Datasheet
193Kb / 4P
PNP Silicon Planar High Current Transistor
logo
GTM CORPORATION
GL359 GTM-GL359 Datasheet
330Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
GL949 GTM-GL949 Datasheet
452Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
Guangdong Kexin Industr...
FZT949 KEXIN-FZT949 Datasheet
38Kb / 2P
PNP Silicon Planar High Current (High Performance) Transistor
logo
Weitron Technology
PZT159 WEITRON-PZT159 Datasheet
632Kb / 4P
PNP Silicon Planar High Current Transistor
logo
Fairchild Semiconductor
ZTX955STZ FAIRCHILD-ZTX955STZ Datasheet
76Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
E-Tech Electronics LTD
GL949 ETL-GL949 Datasheet
454Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com