Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRCSSRML.24 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # GRCSSRML.24
Description  A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GRCSSRML.24 Datasheet(HTML) 2 Page - OSRAM GmbH

  GRCSSRML.24 Datasheet HTML 1Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 2Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 3Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 4Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 5Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 6Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 7Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 8Page - OSRAM GmbH GRCSSRML.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GR CSSRML.24
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-04-11
OSLON® Optimal
GR CSSRML.24
A brand new family of LEDs with our ams OSRAM’s latest
chip technology, delivering significant performance upgrades.
Offered in five colors for ease of design and flexibility for all
your horticulture spectrum needs. With Hyper Red (660 nm),
Red (640 nm), Deep Blue (450 nm), Far Red (730 nm) and
Horti White options to select from both narrow spectrum and
full spectrum solutions can be designed to meet all crop needs
for both greenhouses and vertical farms.The OSLON® Optimal
strikes a perfect balance of performance and cost along with
proven robustness, high reliability and long lifetime.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 485 mW (color bin 5-7)
- Radiant effciency: typ 66.3%
- Photon Flux: typ. 2.58 umol/s
- Photon Flux Efficacy: typ. 3.53 umol/J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com