Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9160 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9160
Description  PAL/NTSC/SECAM decoder/sync processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9160 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9160 Datasheet HTML 17Page - NXP Semiconductors TDA9160 Datasheet HTML 18Page - NXP Semiconductors TDA9160 Datasheet HTML 19Page - NXP Semiconductors TDA9160 Datasheet HTML 20Page - NXP Semiconductors TDA9160 Datasheet HTML 21Page - NXP Semiconductors TDA9160 Datasheet HTML 22Page - NXP Semiconductors TDA9160 Datasheet HTML 23Page - NXP Semiconductors TDA9160 Datasheet HTML 24Page - NXP Semiconductors TDA9160 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
December 1991
21
Philips Semiconductors
Preliminary specification
PAL/NTSC/SECAM decoder/sync processor
TDA9160
QUALITY SPECIFICATION
Quality level according to URV 4-2-59/601.
Test and application information
EW output stage
In order to obtain the correct tracking
of the vertical and horizontal EHT
correction, the EW output stage
should be configured as illustrated in figure 8.
Note to Fig.8
Resistor Rew determines the gain of the EW output stage. Resistor Rc sets the reference current for both the vertical
sawtooth generator and the geometry processor. The preferred value of Rc = 39 kΩ results in a reference current of 100
µA (V
ref = 3.9 V).
The value of Rew is given in the following equation:
Example: If Vref = 3.9 kΩ, Rc = 39 kΩ and Vscan = 120 V then Rew = 68 kΩ
SYMBOL
PARAMETER
RANGE A
RANGE B
UNIT
ESD
protection circuit specification (note1)
2000
500
V
100
200
pF
1500
0
Ω
Fig.8 Configuration of the EW output stage.
R
ew
R
c
V
scan
18
V
ref )
×
(
--------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com