Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX391 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX391
Description  Precision, Quad, SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX391 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX391_06 Datasheet HTML 1Page - Maxim Integrated Products MAX391_06 Datasheet HTML 2Page - Maxim Integrated Products MAX391_06 Datasheet HTML 3Page - Maxim Integrated Products MAX391_06 Datasheet HTML 4Page - Maxim Integrated Products MAX391_06 Datasheet HTML 5Page - Maxim Integrated Products MAX391_06 Datasheet HTML 6Page - Maxim Integrated Products MAX391_06 Datasheet HTML 7Page - Maxim Integrated Products MAX391_06 Datasheet HTML 8Page - Maxim Integrated Products MAX391_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Precision, Quad, SPST Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to V-
V+ .......................................................................-0.3V to +17V
GND....................................................................-0.3V to +17V
GND..........................................................-0.3V to (V+ + 0.3V)
VIN_, VCOM_, VNC_, VNO_ (Note 1) ..................................V- to V+
Current (any terminal) .........................................................30mA
Peak Current, COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
ESD per Method 3015.7 .................................................> 2000V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above+70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
TSSOP (derate 6.7mW/°C above +70°C) ....................457mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
QFN (derate 18.5mW/°C above +70°C) ....................1481mW
Operating Temperature Ranges
MAX39_C_ _ .......................................................0°C to +70°C
MAX39_E_ _.....................................................-40°C to +85°C
MAX39_M_ _ ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Signals on NC_, NO_, COM_, or IN_ exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maxi-
mum current rating.
ABSOLUTE MAXIMUM RATINGS
-5.0
+5.0
-20
+20
COM On-Leakage Current
(Note 6)
nA
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
On-Resistance
RON
45
Ω
20
35
0.3
2
Ω
On-Resistance Match Between
Channels (Note 4)
ΔRON
Analog Signal Range
VCOM_,
VNO_,
VNC_
V-
V+
V
On-Resistance Flatness
(Note 5)
RFLAT(ON)
14
Ω
-0.1
±0.01
+0.1
NO or NC Off-Leakage Current
(Note 6)
INO(OFF)
or
INC(OFF)
nA
-2.5
+2.5
COM Off-Leakage Current
(Note 6)
-2.5
+2.5
nA
ICOM(OFF)
ICOM(ON)
CONDITIONS
V+ = 5V, V- = -5V,
ICOM_ = -10mA,
VNO_ or VNC_ = ±3V
V+ = 4.5V,
V- = -4.5V,
ICOM_ = -10mA,
VNO_ or VNC_ = ±3.5V
V+ = 5V, V- = -5V,
ICOM_ = -10mA,
VNO_ or VNC_ = ±3V
V+ = 5.5V,
V- = -5.5V,
VCOM_ = ±4.5V,
VNO_ or VNC_ =
4.5V
(Note 3)
V+ = 5.5V,
V- = -5.5V,
VCOM_ = ±4.5V,
VNO_ or VNC_ =
4.5V
V+ = 5.5V,
V- = -5.5V,
VCOM_ = ±4.5V,
VNO_ or VNC_ = ±4.5V
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA =
+25°C
TA = TMIN to TMAX
C, E
C, E
C, E
TA = TMIN to TMAX
TA = TMIN to TMAX
M
M
M
4
6
-0.1
±0.01
+0.1
-5
+5
-5
+5
-0.2
±0.01
+0.2
C, E
M
20
30
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com