Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2012G Datasheet(PDF) 1 Page - Micro Electronics

Part # M2012G
Description  HIGH BRIGHTNESS STANDARD GREEN SURFACE LIGHTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

M2012G Datasheet(HTML) 1 Page - Micro Electronics

  M2012G Datasheet HTML 1Page - Micro Electronics M2012G Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M2012G
HIGH BRIGHTNESS
STANDARD GREEN
SURFACE LIGHTING
FEATURES:
AlGaInP/GaAs Standard Green Chip
Green Diffused Lens
Low Power Requirements
Wide Viewing Angle
ABSOLUTE MAXIMUM RATINGS
Power dissipation/Chip
Pd
60mW
Continuous Forward Current/Chip
IF
20mA
Peak Forward Current/Chip
*IFP
100mA
(*Pulse Width = 1ms , Duty Ratio = 1/10)
Reverse Voltage
VR
5V
Operating Temperature Range
Topr
-20 to +80°C
Storage Temperature Range
Tstg
-25 to +85°C
Solder Temperature (1/16 Inch from body)
260℃
Maximum Soldering Time(≤260°C)
5 sec
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Forward Voltage/Chip
VF
2.1
2.8
V
IF=20mA
Reverse Current/Chip
IR
100
μA
VR=5V
Peak Wavelength
λp
564
nm
IF=20mA
Dominant Wavelength
λd
558
562
566
nm
IF=20mA
Spectral Line Half Width
Δλ
20
nm
IF=20mA
Luminous Intensity
IV
5
15
mcd
IF=10mA/Chip
16/5/2005
Sheet 1 of 2
(Ta=25°C)
MICRO


Similar Part No. - M2012G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012 ETC1-M2012 Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2012 ETC2-M2012 Datasheet
343Kb / 10P
General Specifications
M2012 ETC2-M2012 Datasheet
1Mb / 12P
Miniature Toggles
logo
PETERMANN-TECHNIK
M2012 PETERMANN-M2012 Datasheet
606Kb / 3P
SMD-CRYSTAL SERIES
M2012-32.768kHz-±20ppm PETERMANN-M2012-32.768kHz-±20ppm Datasheet
606Kb / 3P
SMD-CRYSTAL SERIES
More results

Similar Description - M2012G

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M2012Y MICRO-ELECTRONICS-M2012Y Datasheet
79Kb / 2P
HIGH BRIGHTNESS AMBER SURFACE LIGHTING
logo
DOMINANT Semiconductors
DDT-TJS DOMINANT-DDT-TJS Datasheet
1,012Kb / 12P
High brightness surface mount LED
DDW-CRG DOMINANT-DDW-CRG Datasheet
1Mb / 15P
High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
High brightness surface mount LED
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
High brightness surface mount LED
DDX-XJS-I21 DOMINANT-DDX-XJS-I21 Datasheet
1Mb / 13P
High brightness surface mount LED.
DDX-XRS-I2 DOMINANT-DDX-XRS-I2 Datasheet
1Mb / 12P
High brightness surface mount LED
logo
Ningbo Foryard Optoelec...
FYE-1000XZX-XX FORYARD-FYE-1000XZX-XX Datasheet
282Kb / 5P
Standard brightness
FYS-3622AX FORYARD-FYS-3622AX Datasheet
322Kb / 4P
Standard brightness
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com