Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-1ACBZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4505-1ACBZ-R7
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-1ACBZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4505-1ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADA4505-1ACBZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4505-1/ADA4505-2/ADA4505-4
Data Sheet
Rev. E | Page 12 of 24
TA = 25°C, unless otherwise noted.
0
5
10
15
20
25
30
35
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VSY (V)
ADA4505-4
ADA4505-2
ADA4505-1
Figure 43. Supply Current vs. Supply Voltage
TIME (s)
VSY = 1.8V
2.95µV p-p
Figure 44. Input Voltage Noise, 0.1 Hz to 10 Hz Noise
0
–20
–40
–60
–80
–100
–120
–140
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 1.8V
RL = 100kΩ
G = –100
VIN = 0.5V p-p
VIN = 1V p-p
VIN = 1.7V p-p
100kΩ
1kΩ
Figure 45. Channel Separation vs. Frequency
0
5
10
15
20
25
30
40
35
–40 –25 –10
5
20
35
50
65
80
95
110 125
ADA4505-1, VSY = 1.8V
ADA4505-2, VSY = 1.8V
ADA4505-1, VSY = 5V
ADA4505-4, VSY = 5V
TEMPERATURE (°C)
ADA4505-4, VSY = 1.8V
ADA4505-2, VSY = 5V
Figure 46. Total Supply Current vs. Temperature
TIME (s)
VSY = 5V
2.95µV p-p
Figure 47. Input Voltage Noise, 0.1 Hz to 10 Hz Noise
0
–20
–40
–60
–80
–100
–120
–140
100
1k
10k
100k
FREQUENCY (Hz)
VSY = 5V
RL = 100kΩ
G = –100
VIN = 1V p-p
VIN = 2V p-p
VIN = 3V p-p
VIN = 4V p-p
VIN = 4.99V p-p
100kΩ
1kΩ
Figure 48. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com