Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARMZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4510-2ARMZ
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARMZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4510-2ARMZ Datasheet HTML 24Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 25Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 26Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 27Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 28Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 29Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 30Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 31Page - Analog Devices ADA4510-2ARMZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Data Sheet
ADA4510-2
APPLICATIONS INFORMATION
analog.com
Rev. B | 28 of 32
Figure 85 shows the TIA 1/β curve superimposed upon the open
loop gain of the amplifier. For the system to be stable, the 1/β curve
must have a slope of less than 20 dB/decade when it intersects
with the open loop response. In Figure 85 the dotted line shows
an uncompensated 1/β response (CF = 0 pF) intersecting with the
open loop gain at the frequency (fX) with a slope of 20 dB/decade
which indicates an unstable condition.
Figure 85. Generalized TIA 1/β and Transfer Function
The instability caused by CIN can be compensated by adding CF to
introduce a pole at a frequency equal to or lower than fX. The pole
frequency is as follows:
fP= 12πRFCF
(6)
Setting the pole at the fX frequency maximizes the signal bandwidth
with a 45° phase margin but is marginal for stability, as indicated
by the dashed line. Because fX is the geometric mean of fZ and the
gain bandwidth product frequency (fGBP) of the amplifier, calculate
fX by the following equation:
fX= fZfGBP
(7)
Substituting Equation 5 and Equation 6 into Equation 7, the CF
value that produces fX follows:
CF= 1+ 1+8πRFCINfGBP
4πRFfGBP
(8)
If 8π × RF × CIN × fGBP >> 1, Equation 8 simplifies to the following:
CF= CIN2πRFfGBP
(9)
Adding CF also sets the signal bandwidth at fP. Substitute Equation
9 into Equation 6 and rearrange the equation for the signal band-
width in terms of fGBP, RF, and CIN as follows:
fP= fGBP2πRFCIN
(10)
Notice the attainable signal bandwidth is a function of the time
constant RFCIN and the fGBP of the amplifier. To maximize the signal
bandwidth, choose an op amp with high bandwidth and low input
capacitance, and operate the photodiode in reverse bias to reduce
its junction capacitance.
Design Example
As a design example, Figure 86 shows one channel of the
ADA4510-2 configured as a TIA amplifier in a photodiode preamp
application. Assuming the photodiode has a CD of 5 pF, an ID of
2 µA, and the desired full-scale VOUT is 100 mV, RF is 49.9 kΩ
according to Equation 1.
Figure 86. Single-Supply TIA Circuit Using the ADA4510-2
The ADA4510-2 input capacitance (CCM + CDM) is 22 pF, so the
total input capacitance (CIN) is 27 pF. By substituting CIN = 27 pF,
RF = 49.9 kΩ, and fGBP = 10 MHz into Equation 8 and Equation 10,
the resulting CF value and the −3 dB signal bandwidth (fP) are 3.1
pF and 1.1 MHz, respectively.
Figure 87 and Figure 88 show the compensations of the TIA circuit.
The system has a bandwidth of 1.1 MHz when it is maximized for a
signal bandwidth with CF = 3.1 pF. Increasing CF to 5.5 pF reduces
the bandwidth to 579 kHz. However, increasing the CF greatly
reduces the overshoot (see Figure 89). In practice, an optimum CF
value is determined experimentally by varying it slightly to optimize
the output pulse response.
Use the Analog Devices Analog Photodiode Wizard to design a
transimpedance amplifier circuit to interface with a photodiode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com