Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4505-2ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4505-2ARMZ
Description  10 μA, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-2ARMZ Datasheet(HTML) 2 Page - Analog Devices

  ADA4505-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4505-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4505-1/ADA4505-2/ADA4505-4
Data Sheet
Rev. E | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—1.8 V Operation ............................ 3
Electrical Characteristics—5 V Operation................................ 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution...................................................................................5
Typical Performance Characteristics ..............................................6
Theory of Operation ...................................................................... 14
Applications Information .............................................................. 16
Pulse Oximeter Current Source ............................................... 16
Four-Pole, Low-Pass Butterworth Filter for Glucose Monitor
....................................................................................................... 17
Outline Dimensions....................................................................... 18
Ordering Guide .......................................................................... 21
REVISION HISTORY
8/2017—Rev. D to Rev. E
Updated Outline Dimensions....................................................... 18
7/2010—Rev. C to Rev. D
Added 6-Ball WLCSP, ADA4505-1..................................Universal
Moved Electrical Characteristics—1.8 V Operation Section .... 3
Changes to Large Signal Voltage Gain Parameter, Table 1.......... 3
Moved Electrical Characteristics—5 V Operation Section ....... 4
Changes to Large Signal Voltage Gain Parameter, Table 2.......... 4
Changes to Thermal Resistance Section and Table 4................... 5
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide .......................................................... 21
7/2009—Rev. B to Rev. C
Added 5-Lead SOT-23 (ADA4505-1)......................... Throughout
Changes to Supply Current per Amplifier Parameter, Table 1 ... 3
Changes to Supply Current per Amplifier Parameter, Table 2... 4
Changes to Figure 26 and Figure 29............................................... 9
Changes to Figure 31 and Figure 34............................................. 10
Changes to Figure 42 and Figure 45............................................. 12
Added Figure 49 and Figure 51; Renumbered Sequentially ..... 13
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide .......................................................... 20
2/2009—Rev. A to Rev. B
Added 14-Ball WLCSP (ADA4505-4) ........................ Throughout
Changes to Thermal Resistance Section........................................ 5
Changes to Figure 17, Figure 18, Figure 20, and Figure 21......... 8
Changes to Figure 42 and Figure 45............................................. 12
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide .......................................................... 20
10/2008—Rev. 0 to Rev. A
Added 8-Ball WLCSP (ADA4505-2) and 14-Lead TSSOP
(ADA4505-4) ................................................................. Throughout
Change to Features Section..............................................................1
Added Figure 2 and Figure 3; Renumbered Sequentially ............1
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Thermal Resistance Section ........................................5
Changes to Figure 22 and Figure 25 ...............................................9
Changes to Figure 40 and Figure 43 ............................................ 12
Deleted Figure 46 and Figure 48; Renumbered Sequentially ... 13
Change to Theory of Operation Section ..................................... 14
Changes to Figure 52...................................................................... 16
Change to Four-Pole Low-Pass Butterworth Filter
for Glucose Monitor Section......................................................... 17
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide.......................................................... 19
7/2008—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com