Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4510-2ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4510-2ARMZ-R7
Description  Precision, 40 V, ±70 nV/°C, Rail-to-Rail Input and Output Op Amp with DigiTrim
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4510-2ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4510-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4510-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADA4510-2
SPECIFICATIONS
analog.com
Rev. B | 7 of 32
Table 2. Electrical Specifications for TA = −40°C to +125°C (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Open-Loop Voltage Gain (AVOL)
RL = 10 kΩ, −19.7 V < VOUT < 19.7 V, TA = 25°C
126
140
dB
−40°C < TA < +125°C
112
dB
RL = 2 kΩ, −19.1 V < VOUT < 19.1 V, TA = 25°C
121
134
dB
−40°C < TA < +125°C
106
dB
Input Capacitance
Differential Mode (CINDM)
TA = 25°C
20
pF
Common Mode (CINCM)
TA = 25°C, VSY = ±5 V to ±20 V
2
pF
Input Resistance
Differential Mode (RINDM)
TA = 25°C
1
TΩ
Common Mode (RINCM)
TA = 25°C
10
TΩ
NOISE PERFORMANCE
Voltage Noise (en p-p)
0.1 Hz to 10 Hz, TA = 25°C
1
µV p-p
0.1 Hz to 10 Hz, VCM = (V+) − 1.5 V, TA = 25°C
2.7
µV p-p
Voltage Noise Density (en)
f = 100 Hz, TA = 25°C
8
nV/√Hz
f = 1 kHz, TA = 25°C
5
nV/√Hz
f = 100 Hz, VCM = (V+) − 1.5 V, TA = 25°C
20
nV/√Hz
f = 1 kHz, VCM = (V+) − 1.5 V, TA = 25°C
10
nV/√Hz
Current Noise Density (In)
f = 10 Hz, TA = 25°C
4
fA/√Hz
OUTPUT CHARACTERISTICS
Output Swing High (VOH)
((V+) − VOUT)
RL = 10 kΩ, TA = 25°C
100
116
mV
−40°C < TA < +125°C
187
mV
RL = 2 kΩ, TA = 25°C
430
473
mV
−40°C < TA < +125°C
765
mV
Output Swing Low (VOL)
(VOUT − (V−))
RL = 10 kΩ, TA = 25°C
73
85
mV
−40°C < TA < +125°C
142
mV
RL = 2 kΩ, TA = 25°C
310
342
mV
−40°C < TA < +125°C
573
mV
Output Current (IOUT)
(VOH, VOL) < 1 V, TA = 25°C
±22
mA
Short-Circuit Current (ISC)
Sourcing/sinking, TA = 25°C
55/70
mA
Closed-Loop Output Impedance (ZOUT) f = 1 kHz , TA = 25°C
Gain = 1
19
mΩ
Gain = 10
190
mΩ
Gain = 100
1.9
Ω
Open-Loop Output Impedance (ZO)
f = 1 kHz to 1 MHz, TA = 25°C
190
Ω
POWER SUPPLY
VSY ((V+) − (V−))
Guaranteed by PSRR
6
40
V
Power Supply Rejection Ratio (PSRR)
VSY = ±3 V to ±20 V, TA = 25°C
121
140
dB
−40°C < TA < +125°C
116
dB
Supply Current per Amplifier (ISY)
IOUT = 0 mA, TA = 25°C
1.45
1.55
mA
−40°C < TA < +125°C
2
mA
DYNAMIC PERFORMANCE
Slew Rate
VOUT = ±5 V, gain = 1, 10% to 90%, TA = 25°C
19
V/µs
Gain Bandwidth Product (GBP)
f = 100 kHz, TA = 25°C
10.4
MHz
−3 dB Bandwidth
Gain = 1, TA = 25°C
13.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com