Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8541
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8541 Datasheet HTML 12Page - Analog Devices AD8541 Datasheet HTML 13Page - Analog Devices AD8541 Datasheet HTML 14Page - Analog Devices AD8541 Datasheet HTML 15Page - Analog Devices AD8541 Datasheet HTML 16Page - Analog Devices AD8541 Datasheet HTML 17Page - Analog Devices AD8541 Datasheet HTML 18Page - Analog Devices AD8541 Datasheet HTML 19Page - Analog Devices AD8541 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4665-2
Rev. 0 | Page 16 of
20
ADA4665-2
1/2
+VSY
–VSY
R1
22.5kΩ
R2
22.5kΩ
C1
1nF
C2
0.5nF
VOUT
VIN
Figure 57. Two-Pole Low-Pass Filter
When R1 = R2 and C1 = 2C2, the values of Q and the cutoff
frequency are calculated as follows:
)
(
R2
R1
C2
+
C2
C1
R2
R1
Q =
2
R1 R2 C1 C
f
c
π
=
2
1
10
0
–10
–20
–30
–40
–50
–60
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 58. Low-Pass Filter: Gain vs. Frequency
Figure 59 shows a two-pole high-pass filter, with cutoff frequency
at 10 kHz and quality factor, Q, of 1/√2.
ADA4665-2
1/2
+VSY
–VSY
R1
22.5kΩ
R2
45kΩ
C1
0.5nF
C2
0.5nF
VOUT
VIN
Figure 59. Two-Pole High-Pass Filter
When R2 = 2R1 and C1 = C2, the values of Q and the cutoff
frequency are calculated as follows:
)
(
C2
C1
R1
C2
C1
R2
R1
Q
+
=
C2
C1
R2
R1
f
c
π
=
2
1
0
–10
10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 60. High-Pass Filter: Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com