Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4091-2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4091-2
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4091-2 Datasheet HTML 2Page - Analog Devices ADA4091-2 Datasheet HTML 3Page - Analog Devices ADA4091-2 Datasheet HTML 4Page - Analog Devices ADA4091-2 Datasheet HTML 5Page - Analog Devices ADA4091-2 Datasheet HTML 6Page - Analog Devices ADA4091-2 Datasheet HTML 7Page - Analog Devices ADA4091-2 Datasheet HTML 8Page - Analog Devices ADA4091-2 Datasheet HTML 9Page - Analog Devices ADA4091-2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4665-2
Rev. 0 | Page 6 of
20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
70
60
50
40
30
20
10
70
60
50
40
30
20
10
0
–6
–5
–4
–3
–2
–1
01
2
3
4
5
6
VOS (mV)
0
–6
–5
–4
–3
–2
–1
0
1
23
45
6
VOS (mV)
VSY = 5V
VCM = VSY/2
Figure 3. Input Offset Voltage Distribution
10
9
8
7
6
5
4
3
2
1
VSY = 16V
VCM = VSY/2
Figure 6. Input Offset Voltage Distribution
10
9
8
7
6
5
4
3
2
1
0
0
1
23
45
6
78
9
10
TCVOS (µV/°C)
0
0
1
2
34
567
8
9
10
TCVOS (µV/°C)
VSY = 5V
–40°C ≤ TA ≤ +125°C
Figure 4. Input Offset Voltage Drift Distribution
5
4
3
2
1
0
–1
–2
–3
VSY = 16V
–40°C ≤ TA ≤ +125°C
5
4
3
2
1
0
–1
–2
–3
–4
0
2
4
6
8
10
12
14
16
Figure 7. Input Offset Voltage Drift Distribution
VCM (V)
–4
01
2
3
4
5
VCM (V)
VSY = 5V
Figure 5. Input Offset Voltage vs. Common-Mode Voltage
VSY = 16V
Figure 8. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com