Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAF-DB-1/4 Datasheet(PDF) 1 Page - Festo Corporation.

Part # VAF-DB-1/4
Description  Vacuum filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VAF-DB-1/4 Datasheet(HTML) 1 Page - Festo Corporation.

  VAF-DB-1/4 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum filter
VAF-DB-1/4
Part number: 547261
General operating condition
Data sheet
Feature
Value
Mounting position
Vertical
Grade of filtration
80 µm
Symbol
00991483
Operating pressure
-0.95 bar ... 0 bar
Information on operating pressure
Only for use in open vacuum systems
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
LABS (PWIS) conformity
VDMA24364 zone III
Ambient temperature
-5 °C ... 50 °C
Max. tightening torque
8.7 Nm
Product weight
71 g
Type of mounting
Line installation
With wall/surface bracket
Pneumatic connection
G1/4
Vacuum connection
G1/4
Note on materials
RoHS-compliant
Seals material
NBR
Compressed air filter material
PE
Housing material
PP-reinforced
Material of bowl
PA
Ejector pulse suitability
≤7 bar
9/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VAF-DB-1/4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VAF-DB-1/2 FESTO-VAF-DB-1/2 Datasheet
103Kb / 1P
Vacuum filter
More results

Similar Description - VAF-DB-1/4

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
VT-191 GEC-VT-191 Datasheet
110Kb / 2P
VACUUM TUBE
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com