Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS2950B Datasheet(PDF) 44 Page - Analog Devices

Part # ADBMS2950B
Description  Battery Pack Monitor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS2950B Datasheet(HTML) 44 Page - Analog Devices

Back Button ADBMS2950B Datasheet HTML 40Page - Analog Devices ADBMS2950B Datasheet HTML 41Page - Analog Devices ADBMS2950B Datasheet HTML 42Page - Analog Devices ADBMS2950B Datasheet HTML 43Page - Analog Devices ADBMS2950B Datasheet HTML 44Page - Analog Devices ADBMS2950B Datasheet HTML 45Page - Analog Devices ADBMS2950B Datasheet HTML 46Page - Analog Devices ADBMS2950B Datasheet HTML 47Page - Analog Devices ADBMS2950B Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
ADBMS2950B
Data Sheet
Rev. 0 | Page 44 of 97
The gain error of the IxADC is slightly dependent on the
IxADC input signal, which leads to a small amount of
systematic nonlinearity. The TME calculation in Figure 35 is
based on the worst-case gain error values of ±0.1% and a typical
nonlinearity of ±0.06%. The calculated TME is below the
specified maximum TME of 0.2% for signals above 5 mV, at
ACCN = 32.
The VBxADCs run in lockstep with IxADC, and so their
accumulators average the same number of samples as for the
IxADC channels. Figure 36 shows the VBxADC TME as a
function of the input signal.
Compared to the IxADCs, the impact of noise is relatively
small. At larger inputs, the VBxADC may exhibit some
nonlinearity, which is shown in Figure 36 as an increase in
offset.
Figure 36. VBxADC TME vs. Input Voltage
OVERCURRENT MANAGEMENT
The ADBMS2950B provides functions for overcurrent
management. Three overcurrent ADCs (OC1ADC to
OC3ADC) are provided for triple redundancy. Individual
overcurrent comparator thresholds (OC1TH to OC3TH) and a
common deglitch filter setting (OCDGT) are programmable.
The output of the threshold comparators OC1 to OC3 are fed
into deglitch filters, then into latches OC1L to OC3L, and then
into redundant majority voters controlling the output pins OCA
and OCB.
Overcurrent events are signaled through the OCA and OCB
pins either in the PWM mode or in a static style, as selected by
OCMODE. Independent of the mode, the polarity (OCAX,
OCBX) and the output type can be configured to be either
open-drain or push-pull (OCOD). To accommodate both single
and dual shunt applications, a gain of 1× or 2× can be selected
per overcurrent channel (OC1GC to OC3GC).
Individual overcurrent conversion results are provided at the
conversion rate of 16 kHz through registers OC1R to OC3R.
For the 3rd ADC (OC3ADC), the minimum and maximum
conversion results are tracked within registers OC3MAX and
OC3MIN.
OCx Output Pin Behavior
During power-down and after power-up or SRST, the OCA and
OCB pins are in a high impedance state. This allows defining of
the logic level of the OCx pin through pull-up or pull-down
resistors as required for the application. Caution must be taken
when pulling-up the OCx pins to a voltage rail that is powered
independent of the VREG power rail, as the internal clamping
diodes feed the IC supply current from the OCx pins to the
VREG pin. In this scenario, an external Schottky diode from
such a power rail to the VREG rail must be placed.
Once the ADBMS2950B is powered-up, the host controller can
configure the mode and polarity of the OCx pins as required
through the configuration registers OCAX, OCBX, OCMODE,
and OCOD.
The OCx pins enable their output drivers conservatively to
prevent false positives. They are in a high impedance state when
OCEN = 0, regardless of the OCMODE or OCOD settings.
Whenever OCEN transitions from 0 to 1 after OCMODE has
been set to a non-zero value, the OC pins initially remain in a
high impedance state and only activate their output drivers after
an interval of 10 OCxADC conversion cycles (OCDP = 0). This
ensures that the OCx output is always aligned with the
deglitchers, configured through OCDGT, that are reset at the
OCEN transition. The bit OCDP, when set, reduces the interval
to 3 OCxADC conversion cycles. For the static or any of the
PWM modes, the OCDP allows faster reconfiguration as it is
required for Overcurrent Configuration Update, or manual
assertion of the OCx outputs as it is required for the Crash
Signal Management.
The CLRFLAG command asserting any of the bits OC1L,
OC2L, OC3L re-trigger the interval during which OCA and
OCB are high impedance. Similarly, the CLRFLAG command
asserting bits OCAL and/or OCBL re-trigger the interval for
OCA and/or OCB during which the respective pin has high
impedance. In both the cases, the deglitchers reset as well.
Whenever OCEN transitions from 0 to 1 when OCMODE is 0,
the OC pins remain high impedance. The static mode
(OCMODE = 0b11) and any combination of OCAX, OCBX
allows performing connectivity tests of the OCA, OCB pins and
the connected circuitry.
The actual state of the OCA and OCB pins can be readback
directly through the read-only bits OCAP and OCBP in the
STAT registers. However, in either PWM1 or PWM2 mode, the
state of the pins changes too frequently so that the useful
function of these bits is limited to the static mode and to
diagnostics. Therefore, the additional OCAGD and OCBGD
bits in the FLAG register are used to indicate if the state of the
respective pins differs from the intention of output control,
irrespective of whether the OC outputs are configured in static
or in any PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com