Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL2136 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GL2136
Description  CMOS POSITIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL2136 Datasheet(HTML) 3 Page - GTM CORPORATION

  GL2136 Datasheet HTML 1Page - GTM CORPORATION GL2136 Datasheet HTML 2Page - GTM CORPORATION GL2136 Datasheet HTML 3Page - GTM CORPORATION GL2136 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
ISSUED DATE :2004/11/05
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GL2136-13
6T132
XXXX
1.3V
GL2136-15
6T152
XXXX
1.5V
GL2136-18
6T182
XXXX
1.8V
GL2136-25
6T252
XXXX
2.5V
GL2136-27
6T272
XXXX
2.7V
GL2136-28
6T282
XXXX
2.8V
GL2136-29
6T292
XXXX
2.9V
GL2136-30
6T302
XXXX
3.0V
GL2136-31
6T312
XXXX
3.1V
GL2136-33
6T332
XXXX
3.3V
GL2136-34
6T342
XXXX
3.4V
GL2136-35
6T352
XXXX
3.5V
GL2136-36
6T362
XXXX
3.6V
GL2136-37
6T372
XXXX
3.7V
GL2136-38
6T382
XXXX
3.8V
Characteristics Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com