Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8053 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM8053
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8053 Datasheet(HTML) 3 Page - Analog Devices

  LTM8053 Datasheet HTML 1Page - Analog Devices LTM8053 Datasheet HTML 2Page - Analog Devices LTM8053 Datasheet HTML 3Page - Analog Devices LTM8053 Datasheet HTML 4Page - Analog Devices LTM8053 Datasheet HTML 5Page - Analog Devices LTM8053 Datasheet HTML 6Page - Analog Devices LTM8053 Datasheet HTML 7Page - Analog Devices LTM8053 Datasheet HTML 8Page - Analog Devices LTM8053 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM4703
3
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Power Input DC Voltage
l
3
16
V
SVIN
Signal Input DC Voltage (Note 8)
l
3
16
V
VOUT(RANGE)
Output Voltage Range
VPGSET = 0.5V
l
0.3
6
V
VOUT(DC)
Output Voltage, Total Variation with
Line and Load
VSET = 1V, VIN = 3V to 16V, SVIN = 6V,
IOUT = 100mA to 12A (Note 7)
l
0.985
1
1.015
V
ISET
SET Pin Current
VIN = SVIN = 6V, VSET = 1V
99.2
100
100.8
μA
ISET_START
Fast Start-Up Set Pin Current
VIN = SVIN = 12V, VSET = 1V, VPGSET = 0V
2.2
2.7
3.2
mA
tSTART
Start-Up Time (Notes 3, 9)
VOUT = 1V, CSET = 1μF, VPGSET = 0.5V
VOUT = 1V, CSET = 4.7μF, VPGSET = 0.5V
VOUT = 1V, CSET = 1μF, RPGSET = 49.9k
VOUT = 1V, CSET = 4.7μF, RPGSET = 49.9k
25
120
1
2.5
ms
ms
ms
ms
VRUN
RUN Pin ON Threshold
VIN = SVIN = 6V, VRUN Rising
l
1.27
1.32
1.37
V
RUN Pin Hysteresis
50
mV
IRUN
RUN Pin Input Current
VIN = SVIN = 6V, VRUN = 2V
–40
40
nA
IQ_SVIN
SVIN Quiescent Current
SVIN = 12V, VRUN = 0V, Shutdown
SVIN = 12V, RT = 47k, FCM
50
40
μA
mA
VOUT_SPOTNOISE Output Noise Spectral Density (2kHz)
(Notes 3, 4, 6, 7)
SVIN = 12V, VOUT = 1V, COUT = 200µF, RSET = 10k,
CSET = 4.7µF, fSW = 2MHz
4
nV/√Hz
VOUT_RMSNOISE Output RMS Noise (10Hz to 100kHz)
(Notes 3, 4, 6, 7)
SVIN = 12V, VOUT = 1V, BW = 10Hz to 100kHz, IOUT =
0.5A, COUT = 200µF, RSET = 10k, CSET = 4.7µF, 2MHz
8
µVRMS
IOUT(DC)
Output Continuous Current
VIN = 12V, VOUT = 1V (Note 4)
12
A
ΔVOUT (LINE)/
VOUT
Output Voltage Line Regulation
VOUT = 1V, VIN = 3V to 16V, SVIN = 6V, IOUT = 100mA,
VSET = 1V
l
0.025
0.1
%/V
ΔVOUT (LOAD)/
VOUT
Output Voltage Load Regulation
VOUT = 1V, VIN = 6V, SVIN = 6V, IOUT = 100mA to 12A,
VSET = 1V
l
1.35
%
IVOSNS
VOSNS Output Current
80
160
240
nA
VOUT(AC)
Output Ripple Voltage (Note 3)
IOUT = 100mA, COUT = 400μF,
VIN = 12V, VOUT = 1V, RT = 137k
8
mV
ISHORT_CIRCUIT Output Short-Circuit
VIN = 16V, SVIN = 6V, VOUT = 1V
24
A
IOUT_PK
Output Current Limit
VIN = 16V, SVIN = 6V, VOUT = 1V
19
A
tON_MIN
Minimum On-Time
VIN = 16V, SVIN = 6V
17
ns
VPGSET
PGSET Upper Threshold
PGSET Upper Threshold Hysteresis
PGSET Lower Threshold
PGSET Lower Threshold Hysteresis
VIN = 6V, SVIN = 6V, PGSET Rising
PGSET Falling
525
455
540
7
465
7
550
475
mV
mV
mV
mV
IPGSET
PGSET Pin Current
VIN = 6V, SVIN = 6V, VPGSET = 0.5V
10
μA
IPG
PG Leakage
VIN = 12V, SVIN = 0V, VPG = 3.3V
–40
40
nA
RPG
PG Pull-Down Resistance
VPG = 0.5V
380
650
Ω
fOSC
Oscillator Frequency
RT = 392k
RT = 47k
RT = 28.7k
300
2
3
kHz
MHz
MHz
SYNC_LEVEL
SYNC Threshold
VIN = SVIN = 6V
SYNC DC and Clock Low-Level Voltage
SYNC DC and Clock High-Level Voltage
0.7
1.5
V
V
VPHMODE
PHMODE Thresholds
VIN = SVIN = 6V
180° Phase Shift
90° Phase Shift
2.7
0.7
V
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications that apply over the specified internal
operating junction temperature range (Note 2), otherwise specifications are at TA = 25°C, VIN = 12V, per the typical application (Note 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com