Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8063 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM8063
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 20Page - Analog Devices LTM8063 Datasheet HTML 21Page - Analog Devices LTM8063 Datasheet HTML 22Page - Analog Devices LTM8063 Datasheet HTML 23Page - Analog Devices LTM8063 Datasheet HTML 24Page - Analog Devices LTM8063 Datasheet HTML 25Page - Analog Devices LTM8063 Datasheet HTML 26Page - Analog Devices LTM8063 Datasheet HTML 27Page - Analog Devices LTM8063 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTM4703
24
Rev. 0
For more information www.analog.com
Figure 10. 1V/12A from 3V to 16VIN, 800kHz with Soft-Start, Fast Start-Up and Power Good
137k
22µF
220µF
×2
49.9k
VIN
RUN
SVIN
COMPa
COMPb
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
GND
fSW = 800kHz
VIN
3V TO 16V
SVIN
3V TO 16V
VOUT
1V, 12A
PG
1µF
PINS NOT USED: SW, SYNC, PHMODE, CLKOUT, INTVCC, TSENSE+, TSENSE–.
4703 F10
TO GUARANTEE SOFT-START, DO NOT POWER VIN LAST WHEN
SEQUENCING VIN, SVIN AND RUN.
10k
4.7µF
SET
Figure 11. 5V, 12A from 8.4V to 16VIN, 1MHz with Soft-Start, Temperature Indicator and Power Good
220µF
×2
VIN
8.4V TO 16V
VOUT
5V, 12A
PINS NOT USED: SW, SYNC, PHMODE, CLKOUT, INTVCC.
4703 F11
10µF
1µF
105k
49.9k
VIN
RUN
SVIN
COMPa
COMPb
SET
RT
AGND
LTM4703
VOUT
VOSNS
PGSET
fSW = 1MHz
PG
0.1µF
470pF
OPTIONAL ANALOG OUTPUT
TEMPERATURE INDICATOR
D+
D–
VCC VREF
VPTAT
GND
LTC2997*
4mV/K
CFILTER
>1k
VPTAT(FILTER)
TEMP+
TEMP–
0.5V
GND
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com