Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9178T Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA9178T
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178T Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA9178T Datasheet HTML 28Page - NXP Semiconductors TDA9178T Datasheet HTML 29Page - NXP Semiconductors TDA9178T Datasheet HTML 30Page - NXP Semiconductors TDA9178T Datasheet HTML 31Page - NXP Semiconductors TDA9178T Datasheet HTML 32Page - NXP Semiconductors TDA9178T Datasheet HTML 33Page - NXP Semiconductors TDA9178T Datasheet HTML 34Page - NXP Semiconductors TDA9178T Datasheet HTML 35Page - NXP Semiconductors TDA9178T Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
1999 Sep 24
34
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Suitability of IC packages for wave, reflow and dipping soldering methods
Notes
1. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum
temperature (with respect to time) and body size of the package, there is a risk that internal or external package
cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the
Drypack information in the
“Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods”.
2. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
3. These packages are not suitable for wave soldering as a solder joint between the printed-circuit board and heatsink
(at bottom version) can not be achieved, and as solder may stick to the heatsink (on top version).
4. If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction.
The package footprint must incorporate solder thieves downstream and at the side corners.
5. Wave soldering is only suitable for LQFP, QFP and TQFP packages with a pitch (e) equal to or larger than 0.8 mm;
it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
6. Wave soldering is only suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is
definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
MOUNTING
PACKAGE
SOLDERING METHOD
WAVE
REFLOW(1) DIPPING
Through-hole mount DBS, DIP, HDIP, SDIP, SIL
suitable(2)
−
suitable
Surface mount
BGA, LFBGA, SQFP, TFBGA
not suitable
suitable
−
HBCC, HLQFP, HSQFP, HSOP, HTQFP,
HTSSOP, SMS
not suitable(3)
suitable
−
PLCC(4), SO, SOJ
suitable
suitable
−
LQFP, QFP, TQFP
not recommended(4)(5) suitable
−
SSOP, TSSOP, VSO
not recommended(6)
suitable
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com