Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02IP Datasheet(PDF) 39 Page - Microchip Technology

Part # DSPIC33FJ12MC02IP
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02IP Datasheet(HTML) 39 Page - Microchip Technology

Back Button DSPIC33FJ12MC02IP Datasheet HTML 35Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 36Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 37Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 38Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 39Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 40Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 41Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 42Page - Microchip Technology DSPIC33FJ12MC02IP Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 284 page
background image
TABLE 3-17:
PERIPHERAL PIN SELECT INPUT REGISTER MAP
File
Name
Addr
Bit 15 Bit 14 Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RPINR0
0680
—
—
—
INT1R<4:0>
—
—
—
—
—
—
—
—
1F00
RPINR1
0682
—
—
—
—
—
—
—
—
—
—
—INT2R<4:0>
001F
RPINR3
0686
—
—
—T3CKR<4:0>
—
—
—T2CKR<4:0>
1F1F
RPINR7
068E
—
—
—
IC2R<4:0>
—
—
—
IC1R<4:0>
1F1F
RPINR10
0694
—
—
—
IC8R<4:0>
—
—
—
IC7R<4:0>
1F1F
RPINR11
0696
—
—
—
—
—
—
—
—
—
—
—OCFAR<4:0>
001F
RPINR12
0698
—
—
—
—
—
—
—
—
—
—
—
FLTA1R<4:0>
001F
RPINR13
069A
—
—
—
—
—
—
—
—
—
—
—
FLTA2R<4:0>
001F
RPINR14
069C
—
—
—
QEB1R<4:0>
—
—
—
QEA1R<4:0>
1F1F
RPINR15
069E
—
—
—
—
—
—
—
—
—
—
—
INDX1R<4:0>
001F
RPINR18
06A4
—
—
—
U1CTSR<4:0>
—
—
—U1RXR<4:0>
1F1F
RPINR20
06A8
—
—
—SCK1R<4:0>
—
—
—SDI1R<4:0>
1F1F
RPINR21
06AA
—
—
—
—
—
—
—
—
—
—
—SS1R<4:0>
001F
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 3-18:
PERIPHERAL PIN SELECT OUTPUT REGISTER MAP FOR dsPIC33FJ12MC202
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
RPOR0
06C0
—
—
—
RP1R<4:0>
—
—
—
RP0R<4:0>
0000
RPOR1
06C2
—
—
—RP3R<4:0>
—
—
—RP2R<4:0>
0000
RPOR2
06C4
—
—
—RP5R<4:0>
—
—
—RP4R<4:0>
0000
RPOR3
06C6
—
—
—RP7R<4:0>
—
—
—RP6R<4:0>
0000
RPOR4
06C8
—
—
—RP9R<4:0>
—
—
—RP8R<4:0>
0000
RPOR5
06CA
—
—
—RP11R<4:0>
—
—
—
RP10R<4:0>
0000
RPOR6
06CC
—
—
—RP13R<4:0>
—
—
—
RP12R<4:0>
0000
RPOR7
06CE
—
—
—RP15R<4:0>
—
—
—
RP14R<4:0>
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com