Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL2146 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL2146
Description  CMOS POSITIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL2146 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL2146 Datasheet HTML 1Page - GTM CORPORATION GL2146 Datasheet HTML 2Page - GTM CORPORATION GL2146 Datasheet HTML 3Page - GTM CORPORATION GL2146 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
ISSUED DATE :2004/11/05
REVISED DATE :
G
G L
L 22114466
C
C M
M O
O S
S P
P o
o ss ii tt ii vv ee V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GL2146 series of positive, linear regulators feature low quiescent current (30 A typ.) with low dropout
voltage, making them ideal for battery applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
The GL2146 is stable with an output capacitance of 2.2 F or greater.
Features
Block Diagram
&Very Low Dropout Voltage
&Guaranteed 600mA output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Factory Pre-set Output Voltage
&Highly Accurate± 1.5%
&
‡
Temperature Coefficient
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&Cordless Phones
&PC Peripherals
&Portable Electronics
&Electronic Scales
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Typical Application Circuit
SOT-223


Similar Part No. - GL2146

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL2146 ETL-GL2146 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146-13 ETL-GL2146-13 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146-18 ETL-GL2146-18 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146-27 ETL-GL2146-27 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
GL2146-29 ETL-GL2146-29 Datasheet
336Kb / 4P
C M O S P o s i t i v e V o l t a g e R e g u l a t o r
More results

Similar Description - GL2146

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
CMOS Positive Voltage Regulator
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GM2116 GTM-GM2116 Datasheet
390Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2131 GTM-GQ2131 Datasheet
417Kb / 5P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2133 GTM-GQ2133 Datasheet
498Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2141 GTM-GQ2141 Datasheet
767Kb / 5P
CMOS POSITIVE VOLTAGE REGULATOR
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com