Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3055 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GL3055
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL3055 Datasheet(HTML) 2 Page - GTM CORPORATION

  GL3055 Datasheet HTML 1Page - GTM CORPORATION GL3055 Datasheet HTML 2Page - GTM CORPORATION GL3055 Datasheet HTML 3Page - GTM CORPORATION GL3055 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL3055
Page: 2/4
ISSUED DATE :2005/03/28
REVISED DATE :2006/12/12B
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250Ua
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
0.037
-
V/ :
Reference to 25 : , ID=1mA
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
VDS=VGS, ID=250uA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current(Tj=25 : )
-
-
25
uA
VDS=30V, VGS=0
Drain-Source Leakage Current(Tj=70 : )
IDSS
-
-
250
uA
VDS=24V, VGS=0
-
-
26
VGS=10V, ID=4A
Static Drain-Source On-Resistance
RDS(ON)
-
-
40
m
VGS=4.5V, ID=3A
Total Gate Charge2
Qg
-
5.4
-
Gate-Source Charge
Qgs
-
1.3
-
Gate-Drain (“Miller”) Change
Qgd
-
3.6
-
nC
ID=4A
VDS=24V
VGS=5V
Turn-on Delay Time2
Td(on)
-
3.6
-
Rise Time
Tr
-
19.8
-
Turn-off Delay Time
Td(off)
-
13
-
Fall Time
Tf
-
3.2
-
ns
VDS=15V
ID=1A
VGS=10V
RG=3.3
RD=1.9
Input Capacitance
Ciss
-
260
-
Output Capacitance
Coss
-
144
-
Reverse Transfer Capacitance
Crss
-
13
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.3
V
IS=2A, VGS=0V, Tj=25 :
Continuous Source Current(Body Diode)
IS
-
-
4
A
VD= VG=0V, VS=1.3V
Pulsed Source Current(Body Diode)
1
ISM
-
-
20
A
Notes: 1. Pulse width limited by safe operating area.
2. Pulse width 300us, duty cycle 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com