Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL5672 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL5672
Description  NPN LOW FREQUENCY TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL5672 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL5672 Datasheet HTML 1Page - GTM CORPORATION GL5672 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G L
L 55667722
N
N P
P N
N L
L O
O W
W F
F R
R E
E Q
Q U
U E
E N
N C
C Y
Y T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GL5672 is a low frequency transistor . Excellent DC current gain characteristics.
Package Dimension
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
60
V
Collector to Emitter Voltage at Ta=25 :
VCEO
50
V
Emitter to Base Voltage at Ta=25 :
VEBO
6
V
Collector Current at Ta=25 :
IC
3
A
Collector Current (PULSE)(note1)
IC
5
A
Total Power Dissipation at Ta=25 :
PD
2
W
Note1 :single pulse, PW=10ms
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=50uA ,IE=0
BVCEO
50
-
-
V
IC=1mA,IB=0
BVEBO
6
-
-
V
IE=50uA
ICBO
-
-
0.1
uA
VCB=60V
IEBO
-
-
0.1
uA
VEB=5V
VCE(sat)
-
0.1
0.35
V
IC=1A, IB=50mA
(note1)
hFE
120
-
400
VCE=2V, IC=0.5A (note1)
FT
-
210
-
MHz
VCE=2V, IE=0.5A, f=100MHz
Cob
-
25
-
pF
VCB=10V,IE=0, f=1MHz
Note 1:Measured using pulse current.
Classification Of hFE
Rank
A
B
Range
120-240
200-400


Similar Part No. - GL5672

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL5672 ETL-GL5672 Datasheet
165Kb / 2P
N P N L O W F R E Q U E N C Y T R A N S I S T O R
More results

Similar Description - GL5672

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD1664 TSC-TSD1664 Datasheet
48Kb / 3P
Low Frequency NPN Transistor
logo
Guilin Strong Micro-Ele...
GM817 GSME-GM817 Datasheet
228Kb / 2P
NPN Low Frequency Amplifier Transistor
GM9013 GSME-GM9013_15 Datasheet
208Kb / 2P
NPN Low Frequency Amplifier Transistor
GMBTA05 GSME-GMBTA05 Datasheet
204Kb / 2P
NPN Low Frequency Amplifier Transistor
GMBTA06 GSME-GMBTA06 Datasheet
205Kb / 2P
NPN Low Frequency Amplifier Transistor
GMC3265 GSME-GMC3265 Datasheet
204Kb / 2P
NPN Low Frequency Amplifier Transistor
GMC3876 GSME-GMC3876 Datasheet
206Kb / 2P
NPN Low Frequency Amplifier Transistor
GMD596 GSME-GMD596 Datasheet
206Kb / 2P
NPN Low Frequency Amplifier Transistor
logo
FutureWafer Tech Co.,Lt...
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com