Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9435 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL9435
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL9435 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL9435 Datasheet HTML 1Page - GTM CORPORATION GL9435 Datasheet HTML 2Page - GTM CORPORATION GL9435 Datasheet HTML 3Page - GTM CORPORATION GL9435 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL9435
Page: 1/4
ISSUED DATE :2005/02/18
REVISED DATE :
G
G L
L 99443355
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GL9435 provide the designer with the best combination of fast switching, low on-resistance and
cost-effectiveness.
Features
*Simple Drive Requirement
*Lower On-resistance
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
f 25
V
Continuous Drain Current3
ID @TA=25 :
-6.0
A
Continuous Drain Current3
ID @TA=70 :
-4.8
A
Pulsed Drain Current1
IDM
-20
A
Total Power Dissipation
PD @TA=25 :
2.7
W
Linear Derating Factor
0.02
W/
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-amb
45
/W
BVDSS
-30V
RDS(ON)
50m
ID
-6A
Pb Free Plating Product
SOT-223


Similar Part No. - GL9435

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL9401A GTM-GL9401A Datasheet
469Kb / 2P
NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
E-Tech Electronics LTD
GL9401A ETL-GL9401A Datasheet
471Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL9411A GTM-GL9411A Datasheet
443Kb / 2P
PNP SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
E-Tech Electronics LTD
GL9411A ETL-GL9411A Datasheet
445Kb / 2P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL949 GTM-GL949 Datasheet
452Kb / 2P
PNP SILICON PLANAR HIGH CURRENT TRANSISTOR
More results

Similar Description - GL9435

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com