Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9610H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9610H
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9610H Datasheet HTML 9Page - NXP Semiconductors TDA9610H Datasheet HTML 10Page - NXP Semiconductors TDA9610H Datasheet HTML 11Page - NXP Semiconductors TDA9610H Datasheet HTML 12Page - NXP Semiconductors TDA9610H Datasheet HTML 13Page - NXP Semiconductors TDA9610H Datasheet HTML 14Page - NXP Semiconductors TDA9610H Datasheet HTML 15Page - NXP Semiconductors TDA9610H Datasheet HTML 16Page - NXP Semiconductors TDA9610H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
1995 Mar 21
13
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
Input byte
Table 12 Bits of input byte
Table 13 Bits ISH and ISL; note 1
Note
1. With bits ISH and ISL the stereo input signal is selected which is fed to the hi-fi processing. One out of four stereo
sources can be selected. The terms: Tuner, Cinch, Ext1 and Ext2 are used for describing purposes only, technically
all four inputs are equal (except for the fact that tuner left (TUNL, pin 6) is also selectable by Normal Select).
Table 14 Bits NSH, NSL and NSS; note 1
Notes
1. With bits NSH and NSL in combination with bit NSS the input signal is selected which is fed out at pin 47 (LINOUT).
With bit NSS set LOW a selection can be made between the four stereo line inputs (like the hi-fi input select). With
bit NSS set HIGH, bits NSH and NSL make a selection between four special select functions.
When a stereo input source is selected, both channels are added to obtain a mono output signal, then the output
signal at LINOUT is equal to:
In the Volume mode the output signal is equal to:
Note that for the Volume mode the hi-fi input select (ISH and ISL) determines the used input source.
2. NSS from select byte.
BIT
DESCRIPTION
ISH
Input Select HIGH; see Table 13
ISL
Input Select LOW; see Table 13
NSH
Normal Select HIGH; see Table 14
NSL
Normal Select LOW; see Table 14
ISH
ISL
MODE
DESCRIPTION
0
0
Tuner
TUNL and TUNR selected (as hi-fi stereo input source) [por]
0
1
Cinch
CINL and CINR selected
1
0
Ext1
EXT1L and EXT1R (e.g. Scart input) selected
1
1
Ext2
EXT2L and EXT2R selected
NSH
NSL
NSS(2)
MODE
DESCRIPTION
0
0
0
Tuner
TUNL and TUNR selected (as normal audio input source) [por]
0
1
0
Cinch
CINL and CINR selected
1
0
0
Ext1
EXT1L and EXT1R selected
1
1
0
Ext2
EXT2L and EXT2R selected
0
0
1
Volume
hi-fi input source selected; taken after record volume control
0
1
1
Exn1
additional mono input (EXN1, pin 48) selected
1
0
1
Tuner left
only TUNL selected (e.g. dual language)
1
1
1
Exn2
additional mono input (EXN2, pin 52) selected
LR
+
()
2
--------------------
L
Volume Left
×
R
Volume Right
×
+
()
2
-----------------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com