Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9575 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GL9575
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL9575 Datasheet(HTML) 2 Page - GTM CORPORATION

  GL9575 Datasheet HTML 1Page - GTM CORPORATION GL9575 Datasheet HTML 2Page - GTM CORPORATION GL9575 Datasheet HTML 3Page - GTM CORPORATION GL9575 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL9575
Page: 2/4
ISSUED DATE :2005/02/18
REVISED DATE :
Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-60
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
-0.04
-
V/ :
Reference to 25 : , ID=-1mA
Gate Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
7
-
S
VDS=-10V, ID=-4A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D25V
Drain-Source Leakage Current(Tj=25 : )
-
-
-1
uA
VDS=-60V, VGS=0
Drain-Source Leakage Current(Tj=70 : )
IDSS
-
-
-25
uA
VDS=-48V, VGS=0
-
-
90
VGS=-10V, ID=-4A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
120
m Ł
VGS=-4.5V, ID=-3A
Total Gate Charge2
Qg
-
18
28
Gate-Source Charge
Qgs
-
5
-
Gate-Drain (“Miller”) Change
Qgd
-
7
-
nC
ID=-4A
VDS=-48V
VGS=-4.5V
Turn-on Delay Time2
Td(on)
-
12
-
Rise Time
Tr
-
5
-
Turn-off Delay Time
Td(off)
-
68
-
Fall Time
Tf
-
32
-
ns
VDS=-30V
ID=-1A
VGS=-10V
RG=3.3 Ł
RD=30 Ł
Input Capacitance
Ciss
-
1745
2790
Output Capacitance
Coss
-
165
-
Reverse Transfer Capacitance
Crss
-
125
-
pF
VGS=0V
VDS=-25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-2A, VGS=0V
Reverse Recovery Time2
Trr
-
56
-
ns
Reverse Recovery Charge
Qrr
-
146
-
nC
IS=-4A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 125 : /W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com