Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL9960 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL9960
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL9960 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL9960 Datasheet HTML 1Page - GTM CORPORATION GL9960 Datasheet HTML 2Page - GTM CORPORATION GL9960 Datasheet HTML 3Page - GTM CORPORATION GL9960 Datasheet HTML 4Page - GTM CORPORATION GL9960 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GL9960
Page: 1/5
ISSUED DATE :2006/10/11
REVISED DATE :
G
G L
L 99996600
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GL9960 provide the designer with the best combination of fast switching, ruggedized device design, ultra
low on-resistance and cost-effectiveness.
Features
*Low On-Resistance
*Fast Switching Speed
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current3
ID @TA=25 :
7.8
A
Continuous Drain Current3
ID @TA=70 :
6.2
A
Pulsed Drain Current1
IDM
20
A
Total Power Dissipation
PD @TA=25 :
2.7
W
Linear Derating Factor
0.02
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-amb
45
/
: W
BVDSS
40V
RDS(ON)
20m
ID
7.8A
Pb Free Plating Product
SOT-223


Similar Part No. - GL9960

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL9915 GTM-GL9915 Datasheet
287Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GL9971 GTM-GL9971 Datasheet
265Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GL9973 GTM-GL9973 Datasheet
310Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GL9960

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com