Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64829 Datasheet(PDF) 1 Page - Alpha Wire

Part # M64829
Description  18 (7/26) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

M64829 Datasheet(HTML) 1 Page - Alpha Wire

  M64829 Datasheet HTML 1Page - Alpha Wire M64829 Datasheet HTML 2Page - Alpha Wire M64829 Datasheet HTML 3Page - Alpha Wire M64829 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. M64829
Construction
 
Diameters (In)
1) Component 1
6 X 1 COND
 
a) Conductor
18 (7/26) AWG Tinned Copper
0.048
b) Insulation
0.009" Wall, Nom. FEP
0.066
(1) Color Code
Alpha Wire Color Code F
Cond
Color
Cond
Color
Cond
Color
1
BLACK
3
RED
5
ORANGE
2
WHITE
4
GREEN
6
BLUE
2) Cable Assembly
6 Components Cabled
 
a) Twists:
4.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing Out
 
b) Drain Wire
20 (7/28) AWG Tinned Copper
 
4) Jacket
0.012" Wall, Nom.,FEP
0.227 (0.237 Max.)
a) Color(s)
SLATE
b) Print
MANHATTAN BY ALPHA WIRE -* P/N M64829 6C 18 AWG
E118822 SHIELDED 200C CMP (UL) C(UL)
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications
1) UL
CMP
200°C
2) CSA International
C(UL) TYPE CMP
200°C
 
FT6
 
3) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - M64829

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64821 MITSUBISHI-M64821 Datasheet
27Kb / 1P
1 CHIP SYNTHESIZER & MODULATOR FOR PHS
M64821FP MITSUBISHI-M64821FP Datasheet
27Kb / 1P
1 CHIP SYNTHESIZER & MODULATOR FOR PHS
logo
Alpha Wire
M64825 ALPHAWIRE-M64825 Datasheet
408Kb / 4P
18 (7/26) AWG Tinned Copper
M64826 ALPHAWIRE-M64826 Datasheet
408Kb / 4P
18 (7/26) AWG Tinned Copper
M64827 ALPHAWIRE-M64827 Datasheet
408Kb / 4P
18 (7/26) AWG Tinned Copper
More results

Similar Description - M64829

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
Molex Electronics Ltd.
0082186007 MOLEX3-0082186007 Datasheet
210Kb / 4P
3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 7 Circuits
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345945 ETC2-1345945 Datasheet
100Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com