Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9615 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9615
Description  Audio processor for VHS hi-fi
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9615 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9615 Datasheet HTML 22Page - NXP Semiconductors TDA9615 Datasheet HTML 23Page - NXP Semiconductors TDA9615 Datasheet HTML 24Page - NXP Semiconductors TDA9615 Datasheet HTML 25Page - NXP Semiconductors TDA9615 Datasheet HTML 26Page - NXP Semiconductors TDA9615 Datasheet HTML 27Page - NXP Semiconductors TDA9615 Datasheet HTML 28Page - NXP Semiconductors TDA9615 Datasheet HTML 29Page - NXP Semiconductors TDA9615 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1997 Jun 16
26
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
TDA9615H
Playback mode
VFMIN(rms) = 30 mV (RMS value); ∆f = 50 kHz; fmod = 1 kHz; f = f0; VCC = 12 V; Tamb =25 °C; bit NTSC set to logic 1 or
logic 0; measured in application diagram of Fig.6; unless otherwise specified. For test modes see Table 38.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
FMIN; pin 37 and HF AGC (test 5 and test 6: FMOUT; pin 36)
Vi(p-p)
input voltage level
(peak-to-peak value)
left plus right channel; note 1
−
0.17
2
V
AGC start level (at pin 37)
left plus right channel
59
84
118
mV
B
control bandwidth
note 2
−
10
−
kHz
Left channel band-pass filter (test 3: FMOUT; pin 36)
Vo
band-pass filter output voltage
f = f0; VFMIN(rms) =30mV
(RMS value)
105
150
215
mV
Vo1/Vo
band-pass filter output voltage
ratio
−−30
−20
dB
Vo2/Vo
−9
−6
−
dB
Vo3/Vo
−9
−5
−
dB
Vo4/Vo
−−17
−12
dB
Vo5/Vo
−−12
−9dB
Vo6/Vo
−−−30
dB
Rd(g)
group delay ripple
f0 − 150 kHz to f0 + 150 kHz
−
<0.5
−µs
f
0
400 kHz
–
f
0
--------------------------------
f
0
150 kHz
–
f
0
--------------------------------
f
0
150 kHz
+
f
0
--------------------------------
f
0
250 kHz
+
f
0
---------------------------------
f
0
250 kHz
+
f
0
150 kHz
+
---------------------------------
f
0
400 kHz
+
f
0
---------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com