Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C23 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R8C23
Description  MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 44Page - Renesas Technology Corp R8C23 Datasheet HTML 45Page - Renesas Technology Corp R8C23 Datasheet HTML 46Page - Renesas Technology Corp R8C23 Datasheet HTML 47Page - Renesas Technology Corp R8C23 Datasheet HTML 48Page - Renesas Technology Corp R8C23 Datasheet HTML 49Page - Renesas Technology Corp R8C23 Datasheet HTML 50Page - Renesas Technology Corp R8C23 Datasheet HTML 51Page - Renesas Technology Corp R8C23 Datasheet HTML 52Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
A - 1
REVISION HISTORY
R8C/22 Group, R8C/23 Group Datasheet
Rev.
Date
Description
Page
Summary
0.10
Mar 08, 2005
−
First Edition issued
0.20
Sep 29, 2005
−
Words standardized
- Clock synchronous serial interface
→ Clock synchronous serial I/O
- Chip-select clock synchronous interface(SSU)
→ Clock synchronous serial I/O with chip select
- I2C bus interface(IIC)
→ I2C bus interface
2, 3
Table1.1 R8C/22 Group Performance, Table1.2 R8C/23 Group
Performance
Serial Interface revised:
- Clock Synchronous Serial Interface: 1 channel
I2C bus Interface (3), Clock synchronous serial I/O with chip select
- Power-On Reset Circuit added
- Power Consumption value determined
5, 6
Table 1.3 Product Information of R8C/22 Group, Table 1.4 Product
Information of R8C/23 Group
Date revised.
7
Figure 1.4 Pin Assignment
Pin name revised:
- P3_5/SSCK(/SCL)
→ P3_5/ SCL/SSCK
- P3_4/SCS(/SDA)
→ P3_4/ SDA /SCS
- VSS
→ VSS/AVSS
- VCC
→ VCC/AVCC
- P1_5/RXD0/(TRAIO/INT1)
→ P1_5/RXD0/(TRAIO)/(INT1)
- P6_6/INT2/(TXD1)
→ P6_6/INT2/TXD1
- P6_7/INT3/(RXD1)
→ P6_7/INT3/RXD1
- NOTE2 added
8
Table 1.5 Pin Description
- Analog Power Supply Input: line added
- I2C Bus Interface (IIC)
→ I2C Bus Interface
- SSU
→ Clock Synchronous Serial I/O with Chip Select
9
Table 1.6 Pin Name Information by Pin Number revised
- Pin Number 1: (SCL)
→ SCL
- Pin Number 2: (SDA)
→ SDA
- Pin Number 9: VSS
→ VSS/AVSS
- Pin Number 11: VCC
→ VCC/AVCC
- Pin Number 26: (TXD1)
→ TXD1
- Pin Number 27: (RXD1)
→ RXD1
15
Table 4.1 SFR Information (1) revised
- 0013h: XXXXXX00b
→ 00h
17
Table 4.3 SFR Information (3) revised
- 00BCh: 0000X000b
→ 00h/0000X000b
18
Table 4.4 SFR Information (4) revised
- 00D6h: 00000XXXb
→ 00h
- 00F5h: UART1 Function Select Register added
19
Table 4.5 SFR Information (5) revised
- 0104h: TRATR
→ TRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com