Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D5 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 38D5
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D5 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 38D5 Datasheet HTML 9Page - Renesas Technology Corp 38D5 Datasheet HTML 10Page - Renesas Technology Corp 38D5 Datasheet HTML 11Page - Renesas Technology Corp 38D5 Datasheet HTML 12Page - Renesas Technology Corp 38D5 Datasheet HTML 13Page - Renesas Technology Corp 38D5 Datasheet HTML 14Page - Renesas Technology Corp 38D5 Datasheet HTML 15Page - Renesas Technology Corp 38D5 Datasheet HTML 16Page - Renesas Technology Corp 38D5 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
Rev.3.01
Aug 08, 2007
Page 13 of 134
REJ03B0158-0301
38D5 Group
Fig. 7 Register push and pop at interrupt generation and subroutine call
Interrupt request
→
On-going Routine
M(S) ← (PCH)
(S) ← (S)
− 1
M(S) ← (PCL)
(S) ← (S)
− 1
Execute RTS
Subroutine
(S) ← (S) + 1
(PCL) ← M(S)
(S) ← (S) + 1
(PCH) ← M(S)
M(S) ← (PCH)
(S) ← (S)
− 1
M(S) ← (PCL)
(S) ← (S)
− 1
M(S) ← (PS)
(S) ← (S)
− 1
Interrupt Service
Routine
(S) ← (S)
+ 1
(PS) ← M(S)
(S) ← (S)
+ 1
(PCL) ← M(S)
(S) ← (S)
+ 1
(PCH) ← M(S)
Execute JSR
Execute RTI
(1)
Push return address
on stack
Push contents of processor
status register on stack
I Flag is set from “0” to “1”
Fetch the jump vector
POP contents of
processor status
register from stack
POP return
address
from stack
POP return address
from stack
Push return address
on stack
Note1: Condition for acceptance of an interrupt request here
→ Interrupt disable flag is “0” and
Interrupt enable bit corresponding to each interrupt source is “1”
Table 7
Push and pop instructions of accumulator or processor status register
Push instruction to stack
Pop instruction from stack
Accumulator
PHA
PLA
Processor status register
PHP
PLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com