Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F212ACSNFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F212ACSNFP
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212ACSNFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F212ACSNFP Datasheet HTML 17Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 18Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 19Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 20Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 21Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 22Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 23Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 24Page - Renesas Technology Corp R5F212ACSNFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Rev.2.00
Nov 26, 2007
Page 1 of 580
REJ09B0324-0200
R8C/2A Group, R8C/2B Group
RENESAS MCU
1.
Overview
1.1
Features
The R8C/2A Group and R8C/2B Group of single-chip MCUs incorporates the R8C/Tiny Series CPU core,
employing sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space, and it is capable
of executing instructions at high speed. In addition, the CPU core boasts a multiplier for high-speed operation
processing.
Power consumption is low, and the supported operating modes allow additional power control. These MCUs also
use an anti-noise configuration to reduce emissions of electromagnetic noise and are designed to withstand EMI.
Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of
system components.
Furthermore, the R8C/2B Group has on-chip data flash (1 KB × 2 blocks).
The difference between the R8C/2A Group and R8C/2B Group is only the presence or absence of data flash. Their
peripheral functions are the same.
1.1.1
Applications
Electronic household appliances, office equipment, audio equipment, consumer equipment, etc.
REJ09B0324-0200
Rev.2.00
Nov 26, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com