Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2E Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R8C2E
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2E Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R8C2E Datasheet HTML 33Page - Renesas Technology Corp R8C2E Datasheet HTML 34Page - Renesas Technology Corp R8C2E Datasheet HTML 35Page - Renesas Technology Corp R8C2E Datasheet HTML 36Page - Renesas Technology Corp R8C2E Datasheet HTML 37Page - Renesas Technology Corp R8C2E Datasheet HTML 38Page - Renesas Technology Corp R8C2E Datasheet HTML 39Page - Renesas Technology Corp R8C2E Datasheet HTML 40Page - Renesas Technology Corp R8C2E Datasheet HTML 41Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
R8C/2E Group, R8C/2F Group
4. Special Function Registers (SFRs)
Rev.1.00
Dec 14, 2007
Page 23 of 332
REJ09B0349-0100
Table 4.7
SFR Information (7)(1)
X: Undefined
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions.
2.
The OFS register cannot be changed by a program. Use a flash programmer to write to it.
Address
Register
Symbol
After reset
0180h
0181h
0182h
0183h
0184h
0185h
0186h
0187h
0188h
0189h
018Ah
018Bh
018Ch
018Dh
018Eh
018Fh
0190h
0191h
0192h
0193h
0194h
0195h
0196h
0197h
0198h
0199h
019Ah
019Bh
019Ch
019Dh
019Eh
019Fh
01A0h
01A1h
01A2h
01A3h
01A4h
01A5h
01A6h
01A7h
01A8h
01A9h
01AAh
01ABh
01ACh
01ADh
01AEh
01AFh
01B0h
01B1h
01B2h
01B3h
Flash Memory Control Register 4
FMR4
01000000b
01B4h
01B5h
Flash Memory Control Register1
FMR1
1000000Xb
01B6h
01B7h
Flash Memory Control Register 0
FMR0
00000001b
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01BFh
FFFFh
Option Function Select Register
OFS
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com