Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJSA2N2DF Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ELJSA2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJSA2N2DF Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ELJSA2N2DF Datasheet HTML 5Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 6Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 9Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 10Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 11Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 12Page - Panasonic Semiconductor ELJSA2N2DF Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Chip Inductors
s Examples : Type 3225(1210)SA
µH
10
30
1.8
18
12
28
2.0
17
15
25
2.2
15
18
23
2.5
13
22
5.0
20
2.8
12
27
18
3.2
10
33
1.0
17
3.5
10
39
15
3.8
9
47
±10 %
40
14
4.0
8
56
13
4.5
7
68
12
5.0
6
82
11
6.0
6
100
10
7.0
5
120
1.5
9
8.0
5
150
5
9.0
5
180
0.1
511
5
220
4
12
5
270
4
14
5
Freq. (MHz) Tolerance
min.
Freq. (MHz)
ELJSA100KF
ELJSA120KF
ELJSA150KF
ELJSA180KF
ELJSA220KF
ELJSA270KF
ELJSA330KF
ELJSA390KF
ELJSA470KF
ELJSA560KF
ELJSA680KF
ELJSA820KF
ELJSA101KF
ELJSA121KF
ELJSA151KF
ELJSA181KF
ELJSA221KF
ELJSA271KF
s Examples : Type 4532(1812)FB
µH
100
2.52
6.7
8.8
105
120
6.1
10
100
150
1.5
5.5
11
95
180
40
5.1
13
85
220
4.5
13
85
270
±10 %
4.1
14
80
330
0.1
±5 %
3.7
16
75
390
3.3
19
70
470
0.796
3.3
31
55
560
2.7
35
50
680
30
2.5
39
50
820
2.4
45
45
1000
2.1
53
40
Freq. (MHz) Tolerance
min.
Freq. (MHz)
ELJFB101K/JF
ELJFB121K/JF
ELJFB151K/JF
ELJFB181K/JF
ELJFB221K/JF
ELJFB271K/JF
ELJFB331K/JF
ELJFB391K/JF
ELJFB471K/JF
ELJFB561K/JF
ELJFB681K/JF
ELJFB821K/JF
ELJFB102K/JF
Q
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
V
1 : Self Resonant Frequency V2 : DC Resistance
DC Current
max.(mA)
V
1 : Self Resonant Frequency V2 : DC Resistance
Q
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
DC Current
max.(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com