Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2G Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R8C2G
Description  MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2G Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R8C2G Datasheet HTML 17Page - Renesas Technology Corp R8C2G Datasheet HTML 18Page - Renesas Technology Corp R8C2G Datasheet HTML 19Page - Renesas Technology Corp R8C2G Datasheet HTML 20Page - Renesas Technology Corp R8C2G Datasheet HTML 21Page - Renesas Technology Corp R8C2G Datasheet HTML 22Page - Renesas Technology Corp R8C2G Datasheet HTML 23Page - Renesas Technology Corp R8C2G Datasheet HTML 24Page - Renesas Technology Corp R8C2G Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Rev.1.00
Apr 04, 2008
Page 1 of 318
REJ09B0387-0100
R8C/2G Group
RENESAS MCU
1.
Overview
1.1
Features
The R8C/2G Group of single-chip MCUs incorporates the R8C/Tiny Series CPU core, employing sophisticated
instructions for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions
at high speed. In addition, the CPU core boasts a multiplier for high-speed operation processing.
Power consumption is low, and the supported operating modes allow additional power control. These MCUs also
use an anti-noise configuration to reduce emissions of electromagnetic noise and are designed to withstand EMI.
Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of
system components.
1.1.1
Applications
Electric power meters, electronic household appliances, office equipment, audio equipment, consumer
equipment, etc.
1.1.2
Specifications
Table 1.1 outlines the Specifications for R8C/2G Group.
REJ09B0387-0100
Rev.1.00
Apr 04, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com