Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9812 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9812
Description  Multistandard VIF-PLL and FM-PLL/AM demodulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9812 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9812 Datasheet HTML 17Page - NXP Semiconductors TDA9812 Datasheet HTML 18Page - NXP Semiconductors TDA9812 Datasheet HTML 19Page - NXP Semiconductors TDA9812 Datasheet HTML 20Page - NXP Semiconductors TDA9812 Datasheet HTML 21Page - NXP Semiconductors TDA9812 Datasheet HTML 22Page - NXP Semiconductors TDA9812 Datasheet HTML 23Page - NXP Semiconductors TDA9812 Datasheet HTML 24Page - NXP Semiconductors TDA9812 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1995 Mar 21
21
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL/AM demodulator
TDA9812
Fig.5 Typical tuner AGC characteristic.
handbook, halfpage
4.5
2.0
1.0
1.0
0
70
50
10
0
20
40
60
10
1.0
2.0
2.5
3.0
1.5
3.5
4.0
MBE438
30
gain
(dB)
V
(V)
28
I tuner
(mA)
R
= 22 k
Ω
TOP
11 k
Ω
0 k
Ω
I
=
tuner
gain =
Fig.6 Typical tuner VIF characteristic.
handbook, halfpage
4.5
2.0
1.0
1.0
0
60
6
0.6
0.06
1.0
2.0
2.5
3.0
1.5
3.5
4.0
MBE439
VIF input
(1, 2)
(mV RMS)
V
(V)
28
I tuner
(mA)
R
= 22 k
Ω
TOP
11 k
Ω
0 k
Ω
I
=
tuner
gain =
Fig.7 Typical AGC characteristic.
handbook, halfpage
4.5
120
40
20
60
100
0
1.0
2.0
2.5
3.0
1.5
3.5
4.0
MBE440
80
(dB
µV)
V (V)
8
Fig.8 Typical SIF AGC characteristic.
handbook, halfpage
4.5
0.1
0.01
0.001
1
100
1000
1.0
2.0
2.5
3.0
1.5
3.5
4.0
MBE441
10
SIF input
(31, 32)
(mV RMS)
V (V)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com