Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62023L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62023L
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023L Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62023L Datasheet HTML 1Page - Renesas Technology Corp M62023L Datasheet HTML 2Page - Renesas Technology Corp M62023L Datasheet HTML 3Page - Renesas Technology Corp M62023L Datasheet HTML 4Page - Renesas Technology Corp M62023L Datasheet HTML 5Page - Renesas Technology Corp M62023L Datasheet HTML 6Page - Renesas Technology Corp M62023L Datasheet HTML 7Page - Renesas Technology Corp M62023L Datasheet HTML 8Page - Renesas Technology Corp M62023L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 1 of 12
M62023L/P/FP
System Reset IC with Switch for 3V Memory Back-up
REJ03D0528-0200
Rev.2.00
Jun 15, 2007
General Description
The M62023L/P/FP is a system reset IC that controls the memory backup function of an SRAM and an embedded RAM
of a microcontroller.
The IC outputs reset signals (RES/
RES) to a microcontroller at power-down and power failure. It also shifts the power
supply to RAMs from main to backup, outputs a signal (
CS) that invokes standby mode, and alters RAMs to backup
circuit mode.
Features
• Built-in switch for selection between main power supply and backup power supply to RAMs
• Small difference between input and output voltages (I
OUT = 80mA, VIN=3V): 0.15V typ.
• Detection voltage (power supply monitor voltage): 2.57V typ.
• Chip select signal output (CS)
• Two channels of reset outputs (RES/RES)
• Power on reset circuit.
Application
Power supply control systems for memory of microcontroller systems in electronic equipment such as OA equipment,
industrial equipment, and home-use electronic appliances and SRAM boards with built-in backup function that require
switching between external power supply and battery.
Block Diagram
RES
CS
RES
GND
1
2
8
4
5
6
7
3
D1
SW
R1
Com
1.24V
Reset Circuit
Delay Circuit
R2
VOUT
VIN
VBAT
Ct


Similar Part No. - M62023L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
More results

Similar Description - M62023L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Mitsumi Electronics, Co...
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1027 MITSUMI-MM1027 Datasheet
121Kb / 11P
System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
System Reset (with watchdog timerbattery back-up)
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
logo
Renesas Technology Corp
M62021L RENESAS-M62021L Datasheet
183Kb / 14P
System Reset IC with Switch for Memory Backup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com