Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62023P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62023P
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023P Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62023P Datasheet HTML 1Page - Renesas Technology Corp M62023P Datasheet HTML 2Page - Renesas Technology Corp M62023P Datasheet HTML 3Page - Renesas Technology Corp M62023P Datasheet HTML 4Page - Renesas Technology Corp M62023P Datasheet HTML 5Page - Renesas Technology Corp M62023P Datasheet HTML 6Page - Renesas Technology Corp M62023P Datasheet HTML 7Page - Renesas Technology Corp M62023P Datasheet HTML 8Page - Renesas Technology Corp M62023P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M62023L/P/FP
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 2 of 12
Pin Arrangement
8
8
5
1
2
3
4
5
6
7
6
7
CS
CS
RES
RES
GND
GND
RES
RES
VOUT
Ct
VIN
VBAT
VOUT
Ct
VIN
VBAT
1
4
3
2
(Top view)
M62023P
M62023FP
Outline: PRSS0008AA-A (8P5) [L]
(Top view)
M62023L
Outline: PRDP0008AA-A (8P4) [P]
PRSP0008DE-C [FP] (recommend)
PRSP0008DA-A (8P2S-A) [FP] (not recommend for new design)
Pin Description
Pin No.
Symbol
Name
Function
1
VOUT
Power supply output
VIN and VBAT are controlled by means of an internal switch and output
through VOUT.
The pin is capable of outputting up to 100mA. Use it as VDD of CMOS
RAM and the like.
2
VBAT
Backup power supply
input
Backup power supply is connected to this pin.
If a lithium battery is used, insert a resistor in series for safety purposes.
3
VIN
Power supply input
+3V input pin. Connect to a logic power supply.
4
Ct
Delay capacitor
connection pin
A delay capacitor is connected to this pin. By connecting a capacitor, it is
possible to delay each output.
5
RES
Positive reset output
Connect to the positive reset input of a microcontroller. The pin is
capable of flowing 1mA sink current.
6
GND
Ground
Reference for all signals.
7
RES
Negative reset output
Connect to the negative reset input of a microcontroller. The pin is
capable of flowing 1mA sink current.
8
CS
Chip select output
Connect to the
Chip Select of RAM. The CS output is at low level in
normal state thereby letting RAM be active. Under failure or backup
condition, the CS output is set to high level, then RAM enters standby
state disabling read/write function. The pin is capable of flowing a 1mA
sink current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com