Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62023FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62023FP
Description  System Reset IC with Switch for 3V Memory Back-up
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62023FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62023FP Datasheet HTML 1Page - Renesas Technology Corp M62023FP Datasheet HTML 2Page - Renesas Technology Corp M62023FP Datasheet HTML 3Page - Renesas Technology Corp M62023FP Datasheet HTML 4Page - Renesas Technology Corp M62023FP Datasheet HTML 5Page - Renesas Technology Corp M62023FP Datasheet HTML 6Page - Renesas Technology Corp M62023FP Datasheet HTML 7Page - Renesas Technology Corp M62023FP Datasheet HTML 8Page - Renesas Technology Corp M62023FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
M62023L/P/FP
REJ03D0528-0200 Rev.2.00 Jun 15, 2007
Page 3 of 12
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted.)
Item
Symbol
Ratings
Unit
Conditions
Input voltage
VIN
7
V
Output current
IOUT
100
mA
Power dissipation
Pd
800 (L) / 625 (P) / 440 (FP)
mW
Thermal derating
K
θ
8 (L) / 6.25 (P) / 4.4 (FP)
mW/°C
Ta
≥ 25°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Electrical Characteristics
(Ta = 25°C, unless otherwise noted.)
Item
Sysbol
Min
Typ
Max
Unit
Test Conditions
Detection voltage
VS
2.44
2.57
2.70
V
VIN (At change from H→L)
Hysteresis voltage
∆V
S
50
100
200
mV
∆V
S = VSH – VSL
—
1.5
3.0
VIN = 2V
Circuit current
ICC
—
6.5
10
mA
IOUT = 0mA
VIN = 3V
—
0.1
0.2
IOUT = 50mA
Difference between input and
output voltage
VDROP
—
0.15
0.3
V
VIN = 3V
IOUT = 80mA
Ct output voltage (high level)
VOH(Ct)
2.0
2.4
—
V
VIN = 3V *
1
Ct output voltage (low level)
VOL(Ct)
—
0.02
0.1
V
VIN = 2V *
1
RES output voltage (high level)
VOH(RES)
1.5
2.0
—
V
VIN = 2V *
1
—
0.02
—
VIN = 3V *
1
RES output voltage (low level)
VOL(RES)
—
0.04
0.2
V
VIN = 3V, Isink = 1mA
RES output voltage (high level)
VOH(RES)
2.5
3.0
—
V
VIN = 3V *
1
—
0.02
—
VIN = 2V *
1
RES output voltage (low level)
VOL(RES)
—
0.04
0.2
V
VIN = 2V, Isink = 1mA
1.3
1.6
—
VIN = 2V *
2
CS output voltage (high level)
VOH(CS)
2.40
2.47
—
V
VIN = 0V, VBAT = 3V *
2
—
0.07
—
VIN = 3V *
1
CS output voltage (low level)
VOL(CS)
—
0.08
0.3
V
VIN = 3V, Isink = 1mA
—
—
±0.5
VIN = 3V
Backup Di leak current
IR
—
—
±0.5
µA
VBAT = 3V
VIN = 0V
Backup Di forward direction
voltage
VF
—
0.54
0.6
V
IF = 10µA
Delay time
tpd
10
27
55
ms
VIN = 0V→3V, Ct = 4.7µF
Response time
td
—
5.0
25.0
µs
VIN = 3V→2V
RES limit voltage of operation
VOPL (RES)
—
0.65
—
V
*
3
Notes: 1. Regarding conditions to measure VOH and VOL, voltage values are generated by internal resistance only and
no external resistor is used.
2. These values are produced inserting an external resistor, RCS = 1MΩ, between the CS pin and GND.
3. With no external resistor (10k
Ω internal resistance only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com