Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62030FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62030FP
Description  Voltage Detecting, System Resetting IC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62030FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62030FP Datasheet HTML 1Page - Renesas Technology Corp M62030FP Datasheet HTML 2Page - Renesas Technology Corp M62030FP Datasheet HTML 3Page - Renesas Technology Corp M62030FP Datasheet HTML 4Page - Renesas Technology Corp M62030FP Datasheet HTML 5Page - Renesas Technology Corp M62030FP Datasheet HTML 6Page - Renesas Technology Corp M62030FP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
M62030FP
REJ03D0785-0200 Rev.2.00 Jun 15, 2007
Page 2 of 6
Pin Arrangement
M62030FP
8
5
6
7
VRES
OUT2
OUT1
GND
Ct0
Ct1
VCC
VIN
1
4
3
2
(Top view)
Outline: PRSP0008DE-C (recommend)
PRSP0008DA-A (8P2S-A) (not recommend for new design)
Pin Description
Pin No.
Symbol
Functional Description
1
Ct0
3
Ct1
Setting delay time.
It is possible to set four kinds of delay times
by inputting “H” or “L” into these two terminal.
Ct0
Ct1
25 ms
L
H
50 ms
H
L
100 ms
H
H
200 ms
L
L
2
VIN
Detecting voltage input
4
GND
Ground
6
OUT1
Output terminal 1 (Delay time 200
µs settlement output)
5
OUT2
Output terminal 2 (Delay time variable type output)
7
VCC
Supply voltage
8
VRES
It outputs “L” and “H” to OUT2 terminal when the VRES input is “H” and “L”, respectively.
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Rating
Unit
Conditions
Supply voltage
VCC
–0.3 to +10
V
Output sink current
Isink1, 2
8.0
mA
Output1, 2
Output voltage
VO
–0.3 to +10
V
Self reset input voltage
VRES
–0.3 to +10
V
Power dissipation
Pd
300
mW
Thermal derating
K
θ
3.0
mW/°C
Ta
≥ 25°C
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com