Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C86CT-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # 93C86CT-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86CT-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93C86CT-E/MS Datasheet HTML 7Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 8Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 9Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 10Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 11Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 12Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 13Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 14Page - Microchip Technology 93C86CT-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 11
93XX46X/56X/66X/76X/86X
3.4
ERASE
The ERASE instruction forces all data bits of the
specified address to the logical ‘1’ state. CS is brought
low following the loading of the last address bit. This
falling edge of the CS pin initiates the self-timed
programming cycle, except on ‘93CXX’ devices where
the rising edge of CLK before the last address bit
initiates the write cycle.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been erased and
the device is ready for another instruction.
FIGURE 3-1:
ERASE TIMING FOR 93AAXX AND 93LCXX DEVICES
FIGURE 3-2:
ERASE TIMING FOR 93CXX DEVICES
Note:
After the Erase cycle is complete, issuing
a Start bit and then taking CS low will clear
the Ready/Busy status from DO.
CS
CLK
DI
DO
TCSL
Check Status
11
1
AN
AN-1
AN-2
•••
A0
TSV
TCZ
BUSY
Ready
High-Z
TWC
High-Z
CS
CLK
DI
DO
TCSL
Check Status
11
1
AN
AN-1
AN-2
•••
A0
TSV
TCZ
Busy
Ready
High-Z
TWC
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com