Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA465A-E/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # 93AA465A-E/MS
Description  1K-16K Microwire Compatible Serial EEPROMs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA465A-E/MS Datasheet(HTML) 4 Page - Microchip Technology

  93AA465A-E/MS Datasheet HTML 1Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 2Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 3Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 4Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 5Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 6Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 7Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 8Page - Microchip Technology 93AA465A-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
93XX46X/56X/66X/76X/86X
DS21929D-page 4
© 2007 Microchip Technology Inc.
2.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................7.0V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 2-1:
DC CHARACTERISTICS
All parameters apply over the specified
ranges unless otherwise noted.
VCC = 1.8V to 5.5V
Industrial (I):
TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
D1
VIH1
VIH2
High-level input voltage
2.0
0.7 VCC
—
—
VCC +1
VCC +1
V
V
VCC
≥ 2.7V
VCC < 2.7V
D2
VIL1
VIL2
Low-level input voltage
-0.3
-0.3
—
—
0.8
0.2 VCC
V
V
VCC
≥ 2.7V
VCC < 2.7V
D3
VOL1
VOL2
Low-level output voltage
—
—
—
—
0.4
0.2
V
V
IOL = 2.1 mA, VCC = 4.5V
IOL = 100
μA, VCC = 2.5V
D4
VOH1
VOH2
High-level output voltage
2.4
VCC-0.2
—
—
—
—
V
V
IOH = -400
μA, VCC = 4.5V
IOH = -100
μA, VCC = 2.5V
D5
ILI
Input leakage current
—
—
±1
μAVIN = VSS to VCC
D6
ILO
Output leakage current
—
—
±1
μAVOUT = VSS to VCC
D7
CIN,
COUT
Pin capacitance
(all inputs/outputs)
——
7
pF
VIN/VOUT = 0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D8
ICC write Write current
—
—
2
mA
FCLK = 3 MHz, VCC = 5.5V
(93XX46X/56X/66X)
—
—
—
500
3
—
mA
μA
FCLK = 3 MHz, VCC = 5.5V
(93XX76X/86X)
FCLK = 2 MHz, VCC = 2.5V
D9
ICC read Read current
—
—
—
—
—
100
1
500
—
mA
μA
μA
FCLK = 3 MHz, VCC = 5.5V
FCLK = 2 MHz, VCC = 3.0V
FCLK = 2 MHz, VCC = 2.5V
D10
ICCS
Standby current
—
—
—
—
1
5
μA
μA
I-Temp (Note 2, 3)
E-Temp
CLK = Cs = 0V
ORG = DI = VSS or VCC
D11
VPOR
VCC voltage detect
—
—
1.5V
3.8V
—
—
V
V
93AAX6A/B/C, 93LCX6A/B/C,
93CX6A/B/C (Note 1)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
ORG and PE pins not available on ‘A’ or ‘B’ versions.
3:
Ready/Busy status must be cleared from DO, see Section 4.4 “Data Out (DO)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com