Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4096-2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4096-2
Description  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4096-2 Datasheet HTML 17Page - Analog Devices ADA4096-2 Datasheet HTML 18Page - Analog Devices ADA4096-2 Datasheet HTML 19Page - Analog Devices ADA4096-2 Datasheet HTML 20Page - Analog Devices ADA4096-2 Datasheet HTML 21Page - Analog Devices ADA4096-2 Datasheet HTML 22Page - Analog Devices ADA4096-2 Datasheet HTML 23Page - Analog Devices ADA4096-2 Datasheet HTML 24Page - Analog Devices ADA4096-2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADA4096-2/ADA4096-4
Rev. G | Page 23 of 25
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 59. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
0.30
0.23
0.18
1.75
1.60 SQ
1.45
3.10
3.00 SQ
2.90
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.50
0.40
0.30
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT
TO JEDEC STANDARDS MO-220-WEED-6.
SEATING
PLANE
TOP VIEW
EXPOSED
PAD
PIN 1
INDICATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 60. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-22)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com