Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4077-1ARMZ
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4077-1ARMZ Datasheet HTML 17Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 18Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 19Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 20Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 21Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 22Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 23Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 24Page - Analog Devices ADA4077-1ARMZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
THEORY OF OPERATION
analog.com
Rev. F | 21 of 25
The ADA4077-1/ADA4077-2/ADA4077-4 are the sixth generation of
the Analog Devices, Inc., industry-standard OP07 amplifier family.
The ADA4077-1/ADA4077-2/ADA4077-4 are high precision, low
noise operational amplifiers with a combination of extremely low off-
set voltage and very low input bias currents. Unlike JFET amplifiers,
the low bias and offset currents are relatively insensitive to ambient
temperatures, even up to 125°C.
The Analog Devices proprietary process technology and linear
design expertise have produced high voltage amplifiers with superi-
or performance to the OP07/OP77/OP177/OP1177 in tiny, 8-lead
SOIC and 8-lead MSOP packages (ADA4077-1 and ADA4077-2)
and 14-lead TSSOP and 14-lead SOIC packages (ADA4077-4).
Despite their small size, the ADA4077-1/ADA4077-2/ADA4077-4
offer numerous improvements, including low wideband noise, wide
bandwidth, lower offset and offset drift, lower input bias current, and
complete freedom from phase inversion.
The ADA4077-1/ADA4077-2/ADA4077-4 have an operating tem-
perature range of −40°C to +125°C with an MSL1 rating, which is
as wide as any similar device in a plastic surface-mount package.
This MSL1 rating is increasingly important as printed circuit board
(PCB) and overall system sizes continue to shrink, causing internal
system temperatures to rise.
In the ADA4077-1/ADA4077-2/ADA4077-4, the power consumption
is reduced by a factor of four compared to the OP177, and the
bandwidth and slew rate are both increased by a factor of six. The
low power dissipation and very stable performance vs. temperature
also reduce warmup drift errors to insignificant levels.
Inputs are protected internally from overvoltage conditions refer-
enced to either supply rail. Like any high performance amplifier,
maximum performance is achieved by following appropriate circuit
and PCB guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com