Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARMZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4077-1ARMZ-R7
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARMZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4077-1ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADA4077-1ARMZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
OUTLINE DIMENSIONS
©2012-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. F | 25 of 25
Figure 77. 14-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-14)
Dimensions shown in millimeters and (inches)
Updated: July 18, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADA4077-1ARMZ
-40°C to +125°C
8-Lead MSOP
RM-8
A35
ADA4077-1ARMZ-R7
-40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
A35
ADA4077-1ARMZ-RL
-40°C to +125°C
8-Lead MSOP
Reel, 3000
RM-8
A35
ADA4077-1ARZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4077-1ARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4077-1ARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4077-1BRZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4077-1BRZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4077-1BRZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4077-2ARMZ
-40°C to +125°C
8-Lead MSOP
RM-8
A2X
ADA4077-2ARMZ-R7
-40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
A2X
ADA4077-2ARMZ-RL
-40°C to +125°C
8-Lead MSOP
Reel, 3000
RM-8
A2X
ADA4077-2ARZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4077-2ARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4077-2ARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4077-2BRZ
-40°C to +125°C
8-Lead SOIC
R-8
ADA4077-2BRZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4077-2BRZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4077-4ARUZ
-40°C to +125°C
14-Lead TSSOP
RU-14
ADA4077-4ARUZ-R7
-40°C to +125°C
14-Lead TSSOP
Reel, 1000
RU-14
ADA4077-4ARUZ-RL
-40°C to +125°C
14-Lead TSSOP
Reel, 2500
RU-14
ADA4077-4ARZ
-40°C to +125°C
14-Lead SOIC
R-14
ADA4077-4ARZ-R7
-40°C to +125°C
14-Lead SOIC
Reel, 1000
R-14
ADA4077-4ARZ-RL
-40°C to +125°C
14-Lead SOIC
Reel, 2500
R-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com