Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8510 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8510
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8510 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8510 Datasheet HTML 17Page - Analog Devices AD8510 Datasheet HTML 18Page - Analog Devices AD8510 Datasheet HTML 19Page - Analog Devices AD8510 Datasheet HTML 20Page - Analog Devices AD8510 Datasheet HTML 21Page - Analog Devices AD8510 Datasheet HTML 22Page - Analog Devices AD8510 Datasheet HTML 23Page - Analog Devices AD8510 Datasheet HTML 24Page - Analog Devices AD8510 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 21 of 27
APPLICATIONS INFORMATION
INPUT OVERVOLTAGE PROTECTION
The ADA4610-1/ADA4610-2/ADA4610-4 have internal protective
circuitry that allows voltages as high as 0.3 V beyond the supplies
to be applied at the input of either terminal without causing
damage. For higher input voltages, a series resistor is necessary
to limit the input current. Determine the resistor value by
mA
10
≤
−
S
S
IN
R
V
V
where:
VIN is the input voltage.
VS is the voltage of either V+ or V−.
RS is the series resistor.
With a very low bias current of <1.5 nA up to 125°C, higher
resistor values can be used in series with the inputs. A 5 kΩ
resistor protects the inputs from voltages as high as 25 V
beyond the supplies and adds less than 10 µV to the offset.
PEAK DETECTOR
The function of a peak detector is to capture the peak value of a
signal and produce an output equal to it. By taking advantage of
the dc precision and super low input bias current of the JFET input
amplifiers, such as the ADA4610-1/ADA4610-2/ADA4610-4, a
highly accurate peak detector can be built, as shown in Figure 58.
VCC
VIN
+
–
ADA4610-1/
ADA4610-2
ADA4610-4
ADA4610-1/
ADA4610-2
ADA4610-4
VEE
U2A
3
2
4
8
1
5
6
4
8
7
C4
50pF
C3
1µF
R6
1kΩ
R7
10kΩ
D2
1N448
D3
1N4148
+PEAK
D4
1N4148
U2B
Figure 58. Positive Peak Detector
In this application, Diode D3 and Diode D4 act as unidirectional
current switches that open up when the output is kept constant (in
hold mode). To detect a positive peak, U2A drives C3 through D3
and D4 until C3 is charged to a voltage equal to the input peak
value. Feedback from the output of the U2B + peak through R6
limits the output voltage of U2A. After detecting the peak, the
output of U2A swings low but is clamped by D2. Diode D3
reverses bias and the common node of D3, D4, and R7 is held to a
voltage equal to + peak by R7. The voltage across D4 is 0 V;
therefore, its leakage is small. The bias current of U2B is also small.
With almost no leakage, C3 has a long hold time.
The ADA4610-1/ADA4610-2/ADA4610-4, shown in Figure 58,
are ideal for building a peak detector because U2A requires dc
precision and high output current during fast peaks, and U2B
requires low input bias current (IB) to minimize capacitance
discharge between peaks. A low leakage and low dielectric
absorption capacitor, such as polystyrene or polypropylene, is
required for C3. Reversing the diode directions causes the
circuit to detect negative peaks.
CURRENT TO VOLTAGE (I TO V) CONVERSION
APPLICATIONS
Photodiode Circuits
Common applications for I to V conversion include photodiode
circuits where the amplifier converts a current emitted by a diode
placed at the negative input terminal into an output voltage.
The low input bias current, wide bandwidth, and low noise of
the ADA4610-1/ADA4610-2/ADA4610-4 make them excellent
choices for various photodiode applications, including fax
machines, fiber optic controls, motion sensors, and barcode
readers.
The circuit shown in Figure 59 uses a silicon diode with zero
bias voltage. This setup is a photovoltaic mode, which uses
many large photodiodes. This configuration limits the overall
noise and is suitable for instrumentation applications.
4
8
3
1
2
1/2
CF
RF
RD
CT
VEE
VCC
ADA4610-1/
ADA4610-2
ADA4610-4
Figure 59. Equivalent Preamplifier Photodiode Circuit
A larger signal bandwidth can be attained at the expense of
additional output noise. The total input capacitance (CT) consists of
the sum of the diode capacitance (typically 30 pF to 40 pF) and
the amplifier input capacitance (<10 pF), which includes external
parasitic capacitance. CT creates a zero in the frequency response
that can lead to an unstable system. To ensure stability and
optimize the bandwidth of the signal, place a capacitor in the
feedback loop of the circuit shown in Figure 59. The capacitor
creates a pole and yields a bandwidth with a corner frequency of
1/(2π(RF
CF))
where:
RF is the feedback resistor.
CF is the feedback capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com